Electronic Components Datasheet Search
  English  ▼

X  

TPS61165DBVT Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS61165DBVT
Description  TPS61165 High-Brightness, White LED Driver in WSON and SOT-23 Packages
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61165DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS61165DBVT Datasheet HTML 17Page - Texas Instruments TPS61165DBVT Datasheet HTML 18Page - Texas Instruments TPS61165DBVT Datasheet HTML 19Page - Texas Instruments TPS61165DBVT Datasheet HTML 20Page - Texas Instruments TPS61165DBVT Datasheet HTML 21Page - Texas Instruments TPS61165DBVT Datasheet HTML 22Page - Texas Instruments TPS61165DBVT Datasheet HTML 23Page - Texas Instruments TPS61165DBVT Datasheet HTML 24Page - Texas Instruments TPS61165DBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
CTRL
GND
C3
L1
Rset
Vin
CTRL
SW
FB
COMP
GND
C1
Vin
C2
LEDs IN
LEDs Out
Minimize the
area of this
trace
Place enough
VIAs around
thermal pad to
enhance thermal
performance
21
TPS61165
www.ti.com
SLVS790E – NOVEMBER 2007 – REVISED APRIL 2019
Product Folder Links: TPS61165
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
10 Power Supply Recommendations
The TPS61165 requires a single supply input voltage. This voltage can range from 3 V to 18 V and be able to
supply enough current for a given application.
11 Layout
11.1 Layout Guidelines
As for all switching power supplies, especially those high frequency and high current ones, layout is an important
design step. If layout is not carefully done, the regulator could suffer from instability as well as noise problems.
To reduce switching losses, the SW pin rise and fall times are made as short as possible. To prevent radiation of
high frequency resonance problems, proper layout of the high frequency switching path is essential. Minimize the
length and area of all traces connected to the SW pin, and always use a ground plane under the switching
regulator to minimize inter-plane coupling. The loop including the PWM switch, Schottky diode, and output
capacitor, contains high current rising and falling in nanosecond and must be kept as short as possible. The input
capacitor must be close to both the VIN pin and the GND pin to reduce the device supply ripple. Figure 20 shows
a sample layout.
11.2 Layout Example
Figure 20. Layout Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com