Electronic Components Datasheet Search
  English  ▼

X  

TPS61165DBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS61165DBVT
Description  TPS61165 High-Brightness, White LED Driver in WSON and SOT-23 Packages
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61165DBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS61165DBVT Datasheet HTML 18Page - Texas Instruments TPS61165DBVT Datasheet HTML 19Page - Texas Instruments TPS61165DBVT Datasheet HTML 20Page - Texas Instruments TPS61165DBVT Datasheet HTML 21Page - Texas Instruments TPS61165DBVT Datasheet HTML 22Page - Texas Instruments TPS61165DBVT Datasheet HTML 23Page - Texas Instruments TPS61165DBVT Datasheet HTML 24Page - Texas Instruments TPS61165DBVT Datasheet HTML 25Page - Texas Instruments TPS61165DBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
A
D(max)
JA
125 C
T
P
R
q
°
-
=
22
TPS61165
SLVS790E – NOVEMBER 2007 – REVISED APRIL 2019
www.ti.com
Product Folder Links: TPS61165
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
11.3 Thermal Considerations
The maximum device junction temperature must be restricted to 125°C under normal operating conditions. This
restriction limits the power dissipation of the TPS61165. Calculate the maximum allowable dissipation, PD(max),
and keep the actual dissipation less than or equal to PD(max). The maximum-power-dissipation limit is determined
using Equation 8:
where
•
TA is the maximum ambient temperature for the application
•
RθJA is the thermal resistance junction-to-ambient given in Thermal Information
(8)
The TPS61165 comes in a thermally enhanced QFN package. This package includes a thermal pad that
improves the thermal capabilities of the package. The RθJA of the QFN package greatly depends on the PCB
layout and thermal pad connection. The thermal pad must be soldered to the analog ground on the PCB. Using
thermal vias underneath the thermal pad as illustrated in the layout example. Also see the QFN/SON PCB
Attachment application report (SLUA271).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com