Electronic Components Datasheet Search
  English  ▼

X  

TPS61165DRVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS61165DRVT
Description  TPS61165 High-Brightness, White LED Driver in WSON and SOT-23 Packages
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61165DRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61165DRVT Datasheet HTML 3Page - Texas Instruments TPS61165DRVT Datasheet HTML 4Page - Texas Instruments TPS61165DRVT Datasheet HTML 5Page - Texas Instruments TPS61165DRVT Datasheet HTML 6Page - Texas Instruments TPS61165DRVT Datasheet HTML 7Page - Texas Instruments TPS61165DRVT Datasheet HTML 8Page - Texas Instruments TPS61165DRVT Datasheet HTML 9Page - Texas Instruments TPS61165DRVT Datasheet HTML 10Page - Texas Instruments TPS61165DRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
OPENLED5V/div
FB200mV/div
VOUT 10V/div
I 200mA/div
L
t-100
s/div
m
CTRL 5V/div
VOUT 5V/div
COMP 500mV/div
I 500mA/div
L
t-2ms/div
SW5V/div
t-400ns/div
VOUT 200mV/div AC
I 500mA/div
L
800
900
1000
1100
1200
1300
1400
1500
1600
20
30
40
50
60
70
80
90
DutyCycle-%
800
900
1000
1100
1200
1300
1400
1500
1600
-40
-20
0
20
40
60
80
100
120
140
Temperature- C
°
7
TPS61165
www.ti.com
SLVS790E – NOVEMBER 2007 – REVISED APRIL 2019
Product Folder Links: TPS61165
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
Figure 3. Switch Current Limit vs Duty Cycle
Figure 4. Switch Current Limit vs Temperature
Figure 5. Switching Waveform
Figure 6. Start-Up
Figure 7. Open LED Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com