Electronic Components Datasheet Search
  English  ▼

X  

TPS613221ADBVT Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS613221ADBVT
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613221ADBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS613221ADBVT Datasheet HTML 16Page - Texas Instruments TPS613221ADBVT Datasheet HTML 17Page - Texas Instruments TPS613221ADBVT Datasheet HTML 18Page - Texas Instruments TPS613221ADBVT Datasheet HTML 19Page - Texas Instruments TPS613221ADBVT Datasheet HTML 20Page - Texas Instruments TPS613221ADBVT Datasheet HTML 21Page - Texas Instruments TPS613221ADBVT Datasheet HTML 22Page - Texas Instruments TPS613221ADBVT Datasheet HTML 23Page - Texas Instruments TPS613221ADBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
9 Power Supply Recommendations
The TPS61322xx is designed to operate from an input voltage supply range between 0.9 V to 5.5 V. The power
supply can be alkaline battery, NiMH rechargeable battery, Li-Mn battery or rechargeable Li-ion battery. The
input supply must be well regulated with the rating of the TPS61322xx.
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com