Electronic Components Datasheet Search
  English  ▼

X  

TPS613221ADBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS613221ADBVT
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613221ADBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS613221ADBVT Datasheet HTML 5Page - Texas Instruments TPS613221ADBVT Datasheet HTML 6Page - Texas Instruments TPS613221ADBVT Datasheet HTML 7Page - Texas Instruments TPS613221ADBVT Datasheet HTML 8Page - Texas Instruments TPS613221ADBVT Datasheet HTML 9Page - Texas Instruments TPS613221ADBVT Datasheet HTML 10Page - Texas Instruments TPS613221ADBVT Datasheet HTML 11Page - Texas Instruments TPS613221ADBVT Datasheet HTML 12Page - Texas Instruments TPS613221ADBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
7 Detailed Description
7.1 Overview
The TPS61322xx is a low quiescent current, high efficiency synchronous boost converter. The TPS61322xx
uses hysteretic current control scheme. The TPS61322xx is designed for systems powered by alkaline battery,
NiMH rechargeable battery, Li-ion battery or Li-polymer battery. The input voltage range is from 0.9 V to
5.5 V. After start-up is completed, the TPS61322xx can work with the input voltage down to 0.4 V. The
TPS61322xx consumes only 6.5-µA quiescent current and achieves high efficiency under light load conditions.
The TPS61322xx is designed as an always-on power. Higher than 90% efficiency is achieved under 10-mA
load from 1.5-V input voltage to 2.2-V output voltage conversion to extend battery lifetime. The TPS613222A
can support as high as 500-mA output current from 3-V input voltage to 5-V output voltage conversion with an
external schottky diode in parallel with internal high-side MOSFET.
7.2 Functional Block Diagram
Thermal
Shutdown
UVLO
Gate Driver
PWM Control
1
3
2
Logic
EA
VOUT
GND
Gate Driver
Current
Sense
VOUT
VREF
Soft Start &
Current Limit
Control
SW
VOUT
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Soft Start
When the input voltage is applied, the high side MOSFET is turned on. The input voltage charges the output
capacitors through the inductor and the high side MOSFET. When the output capacitors are charged to 0.83-V
typical value, the TPS61322xx starts switching at 1.6-MHz fixed frequency and the high-side MOSFET is turned
off. When the output voltage goes up to typical 1.6 V, an internal soft-start control circuit ramps the reference
voltage to 0.8 V within 2 ms. In this way, the soft-start function reduces the input inrush current. After the output
voltage reaches the target value, soft start ends, and the inductor peak current is determined by the output of an
internal error amplifier. After start-up, the TPS61322xx can work with the input voltage down to 0.4 V.
7.3.2 Boost Controller Circuit
The TPS61322xx boost converter is controlled by a hysteretic current mode scheme. The TPS61322xx regulates
the output voltage by keeping the inductor ripple constant of 200-mA typical value and adjusting the offset of
www.ti.com
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com