Electronic Components Datasheet Search
  English  ▼

X  

TPS62095RGTT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62095RGTT
Description  TPS62095 4A, High Efficiency Step Down Converter with DCS-Control™ and Low Profile Solution
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62095RGTT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62095RGTT Datasheet HTML 3Page - Texas Instruments TPS62095RGTT Datasheet HTML 4Page - Texas Instruments TPS62095RGTT Datasheet HTML 5Page - Texas Instruments TPS62095RGTT Datasheet HTML 6Page - Texas Instruments TPS62095RGTT Datasheet HTML 7Page - Texas Instruments TPS62095RGTT Datasheet HTML 8Page - Texas Instruments TPS62095RGTT Datasheet HTML 9Page - Texas Instruments TPS62095RGTT Datasheet HTML 10Page - Texas Instruments TPS62095RGTT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SW
MOSFET Driver
Anti Shoot Through
Converter Control
Logic
High Side
Current
Sense
Vref
0.8V
Comparator
Error Amplifier
PVIN
PGND
EN
DEF
EN
M1
M2
VOS
SW
FB
Direct Control
and
Compensation
ramp
Timer
ton
PGND
DCS - Control™
Charge Pump
for
Gate driver
CP
CN
SS
Iss
Voltage clamp
Vref
÷1.56
PVIN
Hiccup
current limit
#32 counter
Output voltage
discharge
logic
200Ω
M3
VREF
PG
VFB
Bandgap
Undervoltage
Lockout
Thermal shutdown
Vin
400 kΩ
AVIN
AGND
TPS62095
www.ti.com
SLVSBD8A – APRIL 2014 – REVISED MAY 2014
7 Detailed Description
7.1 Overview
The TPS62095 synchronous step down converter is based on DCS-Control™ (Direct Control with Seamless
transition into Power Save Mode). This is an advanced regulation topology that combines the advantages of
hysteretic and voltage mode control.
The DCS-Control™ topology operates in PWM (Pulse Width Modulation) mode for medium to heavy load
conditions and in Power Save Mode at light load currents. In PWM, the converter operates with its nominal
switching frequency of 1.4 MHz having a controlled frequency variation over the input voltage range. As the load
current decreases, the converter enters Power Save Mode, reducing the switching frequency and minimizing the
IC's quiescent current to achieve high efficiency over the entire load current range. DCS-Control™ supports both
operation modes using a single building block and therefore has a seamless transition from PWM to Power Save
Mode without effects on the output voltage. The TPS62095 offers excellent DC voltage regulation and load
transient regulation, combined with low output voltage ripple, minimizing interference with RF circuits.
7.2 Functional Block Diagram
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com