Electronic Components Datasheet Search
  English  ▼

X  

TPS62095RGTT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62095RGTT
Description  TPS62095 4A, High Efficiency Step Down Converter with DCS-Control™ and Low Profile Solution
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62095RGTT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62095RGTT Datasheet HTML 9Page - Texas Instruments TPS62095RGTT Datasheet HTML 10Page - Texas Instruments TPS62095RGTT Datasheet HTML 11Page - Texas Instruments TPS62095RGTT Datasheet HTML 12Page - Texas Instruments TPS62095RGTT Datasheet HTML 13Page - Texas Instruments TPS62095RGTT Datasheet HTML 14Page - Texas Instruments TPS62095RGTT Datasheet HTML 15Page - Texas Instruments TPS62095RGTT Datasheet HTML 16Page - Texas Instruments TPS62095RGTT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
OUT
OUT
FB
V
V
R1 = R2
1
= R2
1
V
0.8V
æ
ö
æ
ö
´
-
´
-
ç
÷
ç
÷
è
ø
è
ø
FB
FB
V
0.8 V
R2 =
=
160 k
I
5 A
»
OUT
FB
R1
R1
V
= V
1 +
= 0.8 V
1 +
R2
R2
æ
ö
æ
ö
´
´
ç
÷
ç
÷
è
ø
è
ø
TPS62095
www.ti.com
SLVSBD8A – APRIL 2014 – REVISED MAY 2014
8.2.1.2.3
Input and Output Capacitor Selection
For best output and input voltage filtering, low ESR ceramic capacitors are recommended. The input capacitor
minimizes input voltage ripple, suppresses input voltage spikes and provides a stable system rail for the device.
A 22µF or larger input capacitor is required. The output capacitor value can range from 2x22µF up to 150µF. The
recommended typical output capacitor value is 2x22µF and can vary over a wide range as outline in the output
filter selection table.
8.2.1.2.4
Setting the Output Voltage
The output voltage is set by an external resistor divider according to the following equations:
(8)
(9)
(10)
When sizing R2, in order to achieve low quiescent current and acceptable noise sensitivity, use a minimum of
5µA for the feedback current IFB. Larger currents through R2 improve noise sensitivity and output voltage
accuracy.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS62095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com