Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS613226ADBVR
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS613226ADBVR Datasheet HTML 2Page - Texas Instruments TPS613226ADBVR Datasheet HTML 3Page - Texas Instruments TPS613226ADBVR Datasheet HTML 4Page - Texas Instruments TPS613226ADBVR Datasheet HTML 5Page - Texas Instruments TPS613226ADBVR Datasheet HTML 6Page - Texas Instruments TPS613226ADBVR Datasheet HTML 7Page - Texas Instruments TPS613226ADBVR Datasheet HTML 8Page - Texas Instruments TPS613226ADBVR Datasheet HTML 9Page - Texas Instruments TPS613226ADBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6.6 Typical Characteristics
TJ = 25°C unless otherwise noted.
Output Current (A)
0.0001
0.001
0.01
0.1
1
0
10
20
30
40
50
60
70
80
90
100
D005
VIN = 0.9 V
VIN = 1.2 V
VIN = 1.5 V
VIN = 1.8 V
TPS61322
L = 4.7 µH
Figure 6-1. Load Efficiency with Different Inputs
Output Current (A)
0.0001
0.001
0.01
0.1
1
2.15
2.16
2.17
2.18
2.19
2.2
2.21
2.22
2.23
2.24
2.25
D006
VIN = 0.9 V
VIN = 1.2 V
VIN = 1.5 V
VIN = 1.8 V
TPS61322
L = 4.7 µH
Figure 6-2. Load Regulation
Iout (A)
0.0001
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
50
55
60
65
70
75
80
85
90
95
100
D003
Vin=0.9V
Vin=1.5V
Vin=2.5V
Vin=3.0V
Vin=3.3V
TPS613221A
L = 2.2 µH
Figure 6-3. Load Efficiency with Different Inputs
Iout (A)
0.0001
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
3.2
3.25
3.3
3.35
3.4
3.45
D008
Vin=0.9V
Vin=1.5V
Vin=2.5V
Vin=3.0V
Vin=3.3V
TPS613221A
L = 2.2 µH
Figure 6-4. Load Regulation
Iout (A)
0.0001
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
50
55
60
65
70
75
80
85
90
95
100
D004
Vin=0.9V
Vin=1.5V
Vin=3.0V
Vin=3.6V
Vin=4.2V
TPS613222A
L = 2.2 µH
Figure 6-5. Load Efficiency with Different Inputs
Iout (A)
0.0001
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
4.9
4.95
5
5.05
5.1
5.15
D007
Vin=0.9V
Vin=1.5V
Vin=3.0V
Vin=3.6V
Vin=4.2V
TPS613222A
L = 2.2 µH
Figure 6-6. Load Regulation
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com