Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS613226ADBVR
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS613226ADBVR Datasheet HTML 4Page - Texas Instruments TPS613226ADBVR Datasheet HTML 5Page - Texas Instruments TPS613226ADBVR Datasheet HTML 6Page - Texas Instruments TPS613226ADBVR Datasheet HTML 7Page - Texas Instruments TPS613226ADBVR Datasheet HTML 8Page - Texas Instruments TPS613226ADBVR Datasheet HTML 9Page - Texas Instruments TPS613226ADBVR Datasheet HTML 10Page - Texas Instruments TPS613226ADBVR Datasheet HTML 11Page - Texas Instruments TPS613226ADBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Temperature (°C)
-50
-25
0
25
50
75
100
125
1000
1100
1200
1300
1400
1500
D001
TPS613226A
L = 2.2 µH
Figure 6-13. Current Limit with Different
Temperature
Temperature (°C)
-60
-30
0
30
60
90
120
150
0.5
0.6
0.7
0.8
0.9
1
D022
TPS613223A
L = 4.7 µH
Figure 6-14. Current Limit with Different
Temperature
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com