Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT.B Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS613226ADBVT.B
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVT.B Datasheet(HTML) 3 Page - Texas Instruments

  TPS613226ADBVT.B Datasheet HTML 1Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 2Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 3Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 4Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 5Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 6Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 7Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 8Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
4 Device Comparison Table
PART NUMBER
OUTPUT VOLTAGE
TYPICAL CURRENT LIMIT
TPS61322
2.2 V
0.75A
TPS613221A
3.3 V
1.2 A
TPS613222A
5 V
1.8 A
TPS613223A
2 V
0.75 A
TPS613224A(1)
2.5 V
0.75 A
TPS613225A(1)
3 V
1.2 A
TPS613226A
3.6 V
1.2 A
(1)
Product Preview. Contact TI factory for more information.
5 Pin Configuration and Functions
GND
SW
VOUT
TPS61322
VOUT
SW
GND
TPS61322xA
Figure 5-1. DBZ Package 3-Pin SOT Top View
NC
SW
NC
GND
VOUT
TPS61322xA
Figure 5-2. DBV Package 5-Pin SOT Top View
Pin Functions
PIN
TYPE
DESCRIPTION
TPS61322
TPS61322xA
NAME
DBZ
DBZ
DBV
1
3
2
GND
PWR
Ground of the IC.
2
2
1
SW
PWR
The switch pin of the converter. It is connected to the inductor.
3
1
4
VOUT
PWR
Boost converter output.
-
-
3
NC
-
No connection inside the device.
-
-
5
NC
-
No connection inside the device.
www.ti.com
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com