Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT.B Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS613226ADBVT.B
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVT.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS613226ADBVT.B Datasheet HTML 6Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 7Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 8Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 9Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 10Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 11Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 12Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 13Page - Texas Instruments TPS613226ADBVT.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
this inductor current depending on the output load. If the required average input current is lower than average
inductor current defined by this constant ripple current, the inductor current becomes discontinuous to keep the
efficiency high under light load conditions. Figure 7-1 illustrates the hysteretic current operation.
The output voltage VOUT is monitored via the internal feedback network connected to a voltage error amplifier.
To regulate the output voltage, the voltage error amplifier compares this feedback voltage to the internal voltage
reference and adjusts the required offset of the inductor current accordingly.
IL
t
200mA
Continuous Current Operation
Discontinuous Current Operation
200mA
Figure 7-1. Hysteretic Current Operation
7.3.3
The TPS61322xx boost converter can increase the output load capacity by connecting an external schottky
diode from SW pin to VOUT pin. Higher than 500 mA output current is supported for 5-V output voltage
applications such as USB OTG and HDMI power supply. For such applications, an adaptive constant off time
circuit will generate the signal to turn off high-side FET. The inductor current ripple is greater than 200 mA if with
this external diode. A higher inductance can help reduce the inductor current ripple.
7.3.4 Undervoltage Lockout
An undervoltage lockout function stops operation of the converter if the input voltage drops below the typical
undervoltage lockout threshold of 0.4 V while the output voltage is still higher than 1.8 V. A hysteresis of 100 mV
is added so that the device does not switch again until the input voltage goes up to 0.5 V.
7.3.5 Current Limit Operation
The TPS61322xx employs cycle-by-cycle peak current limit operation. If the inductor peak current hits the peak
current limit ILIM, the low-side MOSFET is turned off and stops the further increase of the inductor current. In
this case the output voltage drops until power balance between the input side and output side is achieved. If the
output voltage drops below the input voltage, the inductor current will be clamped by the DCR of the inductor and
the on-resistance (Rds,on) of the high-side MOSFET.
7.3.6 Overtemperature Protection
The TPS61322xx has a built-in temperature sensor which monitors the internal junction temperature in boost
mode operation. If the junction temperature exceeds the threshold 150°C, the device stops operating. As soon
as the junction temperature drops below the shutdown temperature minus the hysteresis, typically 130°C, the
device starts operating again.
7.3.7 Device Functional Modes
• Section 7.3.2 - Continuous and discontinuous current operation
• Protective mechanisms
– Section 7.3.5
– Section 7.3.4
– Section 7.3.6
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com