Electronic Components Datasheet Search
  English  ▼

X  

TPS65276VRHHT Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS65276VRHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65276VRHHT Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS65276VRHHT Datasheet HTML 35Page - Texas Instruments TPS65276VRHHT Datasheet HTML 36Page - Texas Instruments TPS65276VRHHT Datasheet HTML 37Page - Texas Instruments TPS65276VRHHT Datasheet HTML 38Page - Texas Instruments TPS65276VRHHT Datasheet HTML 39Page - Texas Instruments TPS65276VRHHT Datasheet HTML 40Page - Texas Instruments TPS65276VRHHT Datasheet HTML 41Page - Texas Instruments TPS65276VRHHT Datasheet HTML 42Page - Texas Instruments TPS65276VRHHT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
www.ti.com
PACKAGE OUTLINE
C
8.3
7.9
TYP
30X 0.65
32X
0.30
0.19
2X
9.75
(0.15) TYP
0 - 8
0.15
0.05
1.2 MAX
2.50
1.77
4.19
3.61
0.25
GAGE PLANE
0.75
0.50
A
11.1
10.9
NOTE 3
B
6.2
6.0
2X (0.9)
NOTE 5
2X (0.15)
NOTE 5
PowerPAD
TSSOP - 1.2 mm max height
DAP0032D
PLASTIC SMALL OUTLINE
4231420/A 07/2025
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
5. Features may differ and may not be present.
PowerPAD is a trademark of Texas Instruments.
TM
1
32
0.1
C A B
17
16
PIN 1 ID AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.500
EXPOSED
THERMAL PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com