Electronic Components Datasheet Search
  English  ▼

X  

TPS65276VRHHT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65276VRHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65276VRHHT Datasheet(HTML) 4 Page - Texas Instruments

  TPS65276VRHHT Datasheet HTML 1Page - Texas Instruments TPS65276VRHHT Datasheet HTML 2Page - Texas Instruments TPS65276VRHHT Datasheet HTML 3Page - Texas Instruments TPS65276VRHHT Datasheet HTML 4Page - Texas Instruments TPS65276VRHHT Datasheet HTML 5Page - Texas Instruments TPS65276VRHHT Datasheet HTML 6Page - Texas Instruments TPS65276VRHHT Datasheet HTML 7Page - Texas Instruments TPS65276VRHHT Datasheet HTML 8Page - Texas Instruments TPS65276VRHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
PVIN2
BUCK2
ENABLE
FB
COMP
clk
V7V
VIN
BST
LX
PGND
BST2
LX2
PGND2
PVIN1
BST1
LX1
PGND1
BUCK1
ENABLE
COMP
FB
clk
V7V
VIN
BST
LX
PGND
I
2C
ADDR
SDA
SCL
OSC/Phase Shift
V7V LDO
Bias, BG,
LDOs
V7V
iENx
COMP2
FB1
COMP1
FB2
VIN
0.68V-1.95V
Max. Io2=3.5A
VIN, 4.5V~18V
En_buck2
En_buck1
7
2
Power
Good
AGND
Vfb1
Vfb2
DVCC
VIN
10
9
7
15
16
25
23
13,14
20,21
19
12,13
31
32
3,4
28,29
30
5,6
Over
Temp
En_buck1
iEN1
En_buck2
iEN2
ENS=BGOK & OTOK & LDOOK
EN1
EN2
1
2
7
SS
27
SS
22
ROSC
24
V7V
MUX
VOUT2
7-BIT
I
2 C Reg.
I
2 C Reg.
0.68V-1.95V
Max. Io1=6A
18
17
MUX
VOUT1
7-BIT
I
2 C Reg.
I
2 C Reg.
EN1
EN2
MODE
MODE
MODE
8
SS2
26
SS1
I
2C Bus
TPS65276V
SLVSBW0B – FEBRUARY 2013 – REVISED JANUARY 2014
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS65276V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com