Electronic Components Datasheet Search
  English  ▼

X  

HCF4098 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4098
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4098 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4098 Datasheet HTML 3Page - STMicroelectronics HCF4098 Datasheet HTML 4Page - STMicroelectronics HCF4098 Datasheet HTML 5Page - STMicroelectronics HCF4098 Datasheet HTML 6Page - STMicroelectronics HCF4098 Datasheet HTML 7Page - STMicroelectronics HCF4098 Datasheet HTML 8Page - STMicroelectronics HCF4098 Datasheet HTML 9Page - STMicroelectronics HCF4098 Datasheet HTML 10Page - STMicroelectronics HCF4098 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Figure 8 : Typical External Resistance vs. Pulse
Width at Various VDD and CX.
Figure 9 : Typical External Capacitance vs.Pulse
Width at Various VDD and RX.
Figure 10 : Typical Minimum Reset Pulse Width vs.
External Capacitance.
To calculate average power dissipation
(P) for less than 100% duty cycle :
P100 = average power for 100% duty cycle
P=
τm
τT
P100 where
τm = one-shot pulse width
τT = trigger pulse period
=
e.g. : For tm
… 600ms tT = 1000ms,
CX = 0.01
µF, V
DD
=5V
P=
600
1000
103
µW = 600µW
(see dotted line on graph)
Figure 11 : Average Power Dissipation for 100% Duty Cycle vs. One-shot Pulse width.
HCC/HCF4098B
7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com