Electronic Components Datasheet Search
  English  ▼

X  

HCF4098 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4098
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4098 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4098 Datasheet HTML 1Page - STMicroelectronics HCF4098 Datasheet HTML 2Page - STMicroelectronics HCF4098 Datasheet HTML 3Page - STMicroelectronics HCF4098 Datasheet HTML 4Page - STMicroelectronics HCF4098 Datasheet HTML 5Page - STMicroelectronics HCF4098 Datasheet HTML 6Page - STMicroelectronics HCF4098 Datasheet HTML 7Page - STMicroelectronics HCF4098 Datasheet HTML 8Page - STMicroelectronics HCF4098 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall times = 20ns)
Test Conditions
Val ue
Symbol
Parameter
R X (kΩ)
C X (pF)
V DD (V) Min.
Typ.
Max.
Unit
t PLH,tPHL Trigger Propagation Delay Time
(+ TR, – TR to Q, Q)
5 to 10.000
≥ 15
5250
500
ns
10
125
250
15
100
200
t WH,tWL
Trigger Pulse Width
5 to 10.000
≥ 15
5
140
70
ns
10
60
30
15
40
20
t TLH
Transition Time
5 to 10.000
≥ 15
5100
200
ns
10
50
100
15
40
80
t THL
Transition Time
5 to 10.000 15 to 10.000
5100
200
10
50
100
15
40
80
5 to 10.000
0.01
µF
to 0.1
µF
5150
300
10
75
150
15
65
130
5 to 10.000
0.1
µF
to 1
µF
5250
500
10
150
300
15
80
160
t PLH,tPHL Propagation Delay Time (reset)
5 to 10.000
≥ 15
5225
450
ns
10
125
250
15
75
150
t WR
Pulse Width (reset)
100
15
5
200
100
ns
10
80
40
15
60
30
1000
51200
600
10
600
300
15
500
250
0.1
µF
550
250
µs
10
30
15
15
20
10
t r,tf (TR)
Rise or Fall Time (trigger)
5 to 15
100
µs
Pulse Width Match Between
Circuits in Same Package
10
10.000
55
10
%
10
7.5
15
15
7.5
15
HCC/HCF4098B
5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com