Electronic Components Datasheet Search
  English  ▼

X  

1368024 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1368024
Description  PTV 6-FE - Feed-through terminal block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1368024 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1368024 Datasheet HTML 1Page - PHOENIX CONTACT 1368024 Datasheet HTML 2Page - PHOENIX CONTACT 1368024 Datasheet HTML 3Page - PHOENIX CONTACT 1368024 Datasheet HTML 4Page - PHOENIX CONTACT 1368024 Datasheet HTML 5Page - PHOENIX CONTACT 1368024 Datasheet HTML 6Page - PHOENIX CONTACT 1368024 Datasheet HTML 7Page - PHOENIX CONTACT 1368024 Datasheet HTML 8Page - PHOENIX CONTACT 1368024 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Flexible conductor cross-section (ferrule with plastic sleeve)
2.5 mm² ... 6 mm²
Ex data
Rated data (ATEX/IECEx)
Identification
 II 2 G  Ex eb IIC Gb
Operating temperature range
-60 °C ... 110 °C
1180894 D-PTV 6
3022276 CLIPFIX 35-5
Ex-certified accessories
1212602 SZS 0,6X3,5 VDE
Plug-in bridge / FBS 2-8 / 3030284
Plug-in bridge / FBS 3-8 / 3030297
Plug-in bridge / FBS 4-8 / 3030307
Plug-in bridge / FBS 5-8 / 3030310
Plug-in bridge / FBS 6-8 / 3032470
List of bridges
Plug-in bridge / FBS 10-8 / 3030323
Bridge data
36 A (6 mm²)
Ex temperature increase
40 K (35 A/6 mm²)
for bridging with bridge
550 V
- At bridging between non-adjacent terminal blocks
352 V
- At bridging between non-adjacent terminal blocks via PE
terminal block
352 V
- At cut-to-length bridging
220 V
- At cut-to-length bridging with cover
275 V
Rated insulation voltage
500 V
output
(Permanent)
Ex level General
Rated voltage
550 V
Rated current
35 A (6 mm²)
Maximum load current
45 A (10 mm²)
Contact resistance
0.5 mΩ
Ex connection data General
Nominal cross section
6 mm²
Rated cross section AWG
10
Connection capacity rigid
0.5 mm² ... 10 mm²
Connection capacity AWG
20 ... 8
Connection capacity flexible
0.5 mm² ... 10 mm²
Connection capacity AWG
20 ... 8
Dimensions
Width
8.2 mm
End cover width
2.2 mm
Height
61 mm
Depth
42.2 mm
PTV 6-FE - Feed-through terminal block
1368024
https://www.phoenixcontact.com/us/products/1368024
Dec 2, 2025, 1:12AM
Page 3 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com