Electronic Components Datasheet Search
  English  ▼

X  

1368024 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1368024
Description  PTV 6-FE - Feed-through terminal block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1368024 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1368024 Datasheet HTML 1Page - PHOENIX CONTACT 1368024 Datasheet HTML 2Page - PHOENIX CONTACT 1368024 Datasheet HTML 3Page - PHOENIX CONTACT 1368024 Datasheet HTML 4Page - PHOENIX CONTACT 1368024 Datasheet HTML 5Page - PHOENIX CONTACT 1368024 Datasheet HTML 6Page - PHOENIX CONTACT 1368024 Datasheet HTML 7Page - PHOENIX CONTACT 1368024 Datasheet HTML 8Page - PHOENIX CONTACT 1368024 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Depth on NS 35/7,5
43.7 mm
Depth on NS 35/15
51.2 mm
Material specifications
multicolored (RAL -)
black (RAL 9005)
Color
yellow (RAL 1018)
Flammability rating according to UL 94
V0
Insulating material group
I
Insulating material
PA 6.6
Static insulating material application in cold
-60 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
125 °C
Relative insulation material temperature index (Elec., UL 746 B)
125 °C
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Calorimetric heat release NFPA 130 (ASTM E 1354)
27,5 MJ/kg
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Smoke gas toxicity NFPA 130 (SMP 800C)
passed
Electrical tests
Surge voltage test
Test voltage setpoint
8 kV
Result
Test passed
Temperature-rise test
Requirement temperature-rise test
Increase in temperature ≤ 45 K
Result
Test passed
Short-time withstand current 6 mm²
0.72 kA
Result
Test passed
Power-frequency withstand voltage
Test voltage setpoint
2.2 kV
Result
Test passed
Mechanical properties
Mechanical data
Open side panel
Yes
Mechanical tests
Mechanical strength
PTV 6-FE - Feed-through terminal block
1368024
https://www.phoenixcontact.com/us/products/1368024
Dec 2, 2025, 1:12AM
Page 4 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com