Electronic Components Datasheet Search
  English  ▼

X  

TS5V330CD Datasheet(PDF) 6 Page - Texas Instruments

Part # TS5V330CD
Description  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V330CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS5V330CD Datasheet HTML 2Page - Texas Instruments TS5V330CD Datasheet HTML 3Page - Texas Instruments TS5V330CD Datasheet HTML 4Page - Texas Instruments TS5V330CD Datasheet HTML 5Page - Texas Instruments TS5V330CD Datasheet HTML 6Page - Texas Instruments TS5V330CD Datasheet HTML 7Page - Texas Instruments TS5V330CD Datasheet HTML 8Page - Texas Instruments TS5V330CD Datasheet HTML 9Page - Texas Instruments TS5V330CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TS5V330C
SCDS276B – APRIL 2009 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VIK
EN, IN
VCC = 4.5 V,
IIN = –18 mA
–1.8
V
VH
EN, IN
400
mV
IIH
EN, IN
VCC = 5.5 V,
VIN and VEN = VCC
±1
μA
IIL
EN, IN
VCC = 5.5 V,
VIN and VEN = GND
±1
μA
VO = 0 to 5.5 V,
IOZ
(3)
VCC = 5.5 V,
Switch OFF
±10
μA
VI = 0,
VO = 0 to 5.5 V,
IOS
VCC = 5.5 V,
Switch ON
±110
mA
VI = 0,
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
±1
μA
ICC
VCC = 5.5 V,
II/O = 0,
Switch ON or OFF
3
μA
ΔICC
EN, IN
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
VCC = 5.5 V,
mA/
ICCD
D and S ports are open,
VIN switching 50% duty cycle
0.25
VEN = GND,
MHz
Cin
EN, IN
VIN or VEN = 0
f = 1 MHz
3.5
pF
D port
Switch OFF,
8.5
COFF
VI/O = 3 V or 0,
VIN = VCC or GND
pF
S port
Switch ON,
5.5
CON
VI = 0,
f = 1 MHz, outputs open,
Switch ON
16.5
pF
VI = 1 V,
IO = 13 mA, RL = 75 Ω
3
7
rON
(4)
VCC = 4.5 V
Ω
VI = 2 V,
IO = 26 mA, RL = 75 Ω
3
10
(1)
VI , VO, II, and IO refer to the I/O pins.
(2)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
Measured by the voltage drop between the D and S terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (S or D) terminals.
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V ±10%, RL = 75 Ω, CL = 20 pF (unless otherwise noted)
(see Figure 5)
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
tON
S
D
1.5
6.0
ns
tOFF
S
D
1.5
5.9
ns
DYNAMIC CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V ±10% (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DG
RL = 150 Ω, f = 3.58 MHz, see Figure 6
0.24
%
DP
RL = 150 Ω, f = 3.58 MHz, see Figure 6
0.039
°
BW
RL = 150 Ω, see Figure 7
250
MHz
XTALK
RIN = 10 Ω, RL = 150 Ω, f = 10 MHz, see Figure 7
–87
dB
OIRR
RL = 150 Ω, f = 10 MHz, see Figure 7
–54
dB
(1)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS5V330C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com