Electronic Components Datasheet Search
  English  ▼

X  

TS5V330CD Datasheet(PDF) 1 Page - Texas Instruments

Part # TS5V330CD
Description  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V330CD Datasheet(HTML) 1 Page - Texas Instruments

  TS5V330CD Datasheet HTML 1Page - Texas Instruments TS5V330CD Datasheet HTML 2Page - Texas Instruments TS5V330CD Datasheet HTML 3Page - Texas Instruments TS5V330CD Datasheet HTML 4Page - Texas Instruments TS5V330CD Datasheet HTML 5Page - Texas Instruments TS5V330CD Datasheet HTML 6Page - Texas Instruments TS5V330CD Datasheet HTML 7Page - Texas Instruments TS5V330CD Datasheet HTML 8Page - Texas Instruments TS5V330CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
S
1A
IN
GND
S
2A
D
A
S
1B
S
2B
D
B
EN
S
1D
S
2D
D
D
S
1C
D
C
S2
C
V
CC
2
1
8
15
16
3
14
4
13
5
12
6
11
7
10
9
2
1
16
15
3
14
4
13
5
12
6
11
7
10
8
9
S
1A
S
2A
D
A
S
1B
S
2B
D
B
EN
S
1D
S
2D
D
D
S
1C
S2
C
TS5V330C
www.ti.com
SCDS276B – APRIL 2009 – REVISED DECEMBER 2009
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
Check for Samples: TS5V330C
1
FEATURES
D, DB, DBQ, OR PW PACKAGE
•
Low Differential Gain and Phase
(TOP VIEW)
(Typical DG = 0.24%, Typical DP = 0.039°)
•
Wide Bandwidth (Typical BW > 288 MHz)
•
Low Cross-Talk (Typical XTALK = –87 dB)
•
Low Power Consumption
(Maximum ICC = 3 μA)
•
Bidirectional Data Flow, With Near-Zero
Propagation Delay
•
Low ON-State Resistance (Typical rON = 3 Ω)
•
VCC Operating Range From 4.5 V to 5.5 V
•
Ioff Supports Partial-Power-Down Mode
RGY PACKAGE
Operation
(TOP VIEW)
•
Data and Control Inputs Provide Undershoot
Clamp Diode
•
Control Inputs Can be Driven by TTL or
5-V/3.3-V CMOS Outputs
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Performance Tested Per JESD 22
–
2000-V Human-Body Model
(A114-B, Class II)
–
1000-V Charged-Device Model (C101)
•
Suitable for Both RGB and Composite Video
Switching
DESCRIPTION/ORDERING INFORMATION
The TS5V330C is a 4-bit 1-of-2 multiplexer/demultiplexer video switch with a single switch-enable (EN) input.
The select (IN) input controls the data path of the multiplexer/demultiplexer. When EN is low, the switch is
enabled and the D port is connected to the S port. When EN is high, the switch is disabled and a high impedance
state exists between the D and S ports.
Low differential gain and phase makes this switch ideal for video applications. The device has a wide bandwidth
and low cross talk which makes it suitable for high frequency video applications. The device can be used for
RGB and composite video switching applications.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging
current will not backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, EN should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS5V330CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5V330CD TI1-TS5V330CD Datasheet
847Kb / 22P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330CD TI2-TS5V330CD Datasheet
790Kb / 22P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
REVISED DECEMBER 2009
TS5V330CDBQR TI1-TS5V330CDBQR Datasheet
847Kb / 22P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330CDBQR TI2-TS5V330CDBQR Datasheet
790Kb / 22P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
REVISED DECEMBER 2009
TS5V330CDBQR.B TI2-TS5V330CDBQR.B Datasheet
790Kb / 22P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
REVISED DECEMBER 2009
More results

Similar Description - TS5V330CD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
Texas Instruments
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
09-Sep-2005
logo
Texas Instruments
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com