Electronic Components Datasheet Search
  English  ▼

X  

TSC2046 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSC2046
Description  Low-Voltage I/O TOUCH SCREEN CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2046 Datasheet(HTML) 4 Page - Texas Instruments

  TSC2046 Datasheet HTML 1Page - Texas Instruments TSC2046 Datasheet HTML 2Page - Texas Instruments TSC2046 Datasheet HTML 3Page - Texas Instruments TSC2046 Datasheet HTML 4Page - Texas Instruments TSC2046 Datasheet HTML 5Page - Texas Instruments TSC2046 Datasheet HTML 6Page - Texas Instruments TSC2046 Datasheet HTML 7Page - Texas Instruments TSC2046 Datasheet HTML 8Page - Texas Instruments TSC2046 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TSC2046
SBAS265G − OCTOBER 2002 − REVISED JANUARY 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V (continued)
At TA = −40°C to +85°C, +VCC = +2.7V, VREF = 2.5V internal voltage, fSAMPLE = 125kHz, fCLK = 16 • fSAMPLE = 2MHz, 12-bit mode, digital
inputs = GND or IOVDD, and +VCC must be ≥ IOVDD, unless otherwise noted.
TSC2046
PARAMETER
UNITS
MAX
TYP
MIN
CONDITION
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Capacitance
All Digital Control Input Pins
5
15
pF
VIH
| IIH | ≤ +5µA
IOVDD
• 0.7
IOVDD + 0.3
V
VIL
| IIL | ≤ +5µA
−0.3
0.3
• IOVDD
V
VOH
IOH = −250µA
IOVDD
• 0.8
V
VOL
IOL = 250µA
0.4
V
Data Format
Straight
Binary
POWER-SUPPLY REQUIREMENTS
+VCC(5)
Specified Performance
2.7
3.6
V
Operating Range
2.2
5.25
V
IOVDD(6)
1.5
+VCC
V
Quiescent Current(7)
Internal Reference Off
280
650
µA
Internal Reference On
780
µA
fSAMPLE = 12.5kHz
220
µA
Power-Down Mode with
3
µA
CS = DCLK = DIN = IOVDD
Power Dissipation
+VCC = +2.7V
1.8
mW
TEMPERATURE RANGE
Specified Performance
−40
+85
°C
(1) LSB means Least Significant Bit. With VREF = +2.5V, one LSB is 610µV.
(2) Assured by design, but not tested. Exceeding 50mA source current may result in device degradation.
(3) Difference between TEMP0 and TEMP1 measurement, no calibration necessary.
(4) Temperature drift is −2.1mV/°C.
(5) TSC2046 operates down to 2.2V.
(6) IOVDD must be ≤ (+VCC).
(7) Combined supply current from +VCC and IOVDD. Typical values obtained from conversions on AUX input with PD0 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com