Electronic Components Datasheet Search
  English  ▼

X  

TSC2046 Datasheet(PDF) 10 Page - Texas Instruments

Part # TSC2046
Description  Low-Voltage I/O TOUCH SCREEN CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2046 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSC2046 Datasheet HTML 6Page - Texas Instruments TSC2046 Datasheet HTML 7Page - Texas Instruments TSC2046 Datasheet HTML 8Page - Texas Instruments TSC2046 Datasheet HTML 9Page - Texas Instruments TSC2046 Datasheet HTML 10Page - Texas Instruments TSC2046 Datasheet HTML 11Page - Texas Instruments TSC2046 Datasheet HTML 12Page - Texas Instruments TSC2046 Datasheet HTML 13Page - Texas Instruments TSC2046 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
TSC2046
SBAS265G − OCTOBER 2002 − REVISED JANUARY 2008
www.ti.com
10
ANALOG INPUT
Figure 2 shows a block diagram of the input multiplexer on
the TSC2046, the differential input of the ADC, and the
differential reference of the converter. Table 1 and Table 2
show the relationship between the A2, A1, A0, and
SER/DFR control bits and the configuration of the TSC2046.
The control bits are provided serially via the DIN pin—see the
Digital Interface section of this data sheet for more details.
When the converter enters the hold mode, the voltage
difference between the +IN and –IN inputs (shown in
Figure 2) is captured on the internal capacitor array. The
input current into the analog inputs depends on the
conversion rate of the device. During the sample period, the
source must charge the internal sampling capacitor (typically
25pF). After the capacitor is fully charged, there is no further
input current. The rate of charge transfer from the analog
source to the converter is a function of conversion rate.
ADC
Logic
Level
Shifter
−REF
+REF
+IN
−IN
V
BAT
AUX
Battery
On
GND
2.5V
Reference
Ref On/Off
X+
X
−
+VCC
TEMP1
PENIRQ
50k
Ω
or
90k
Ω
Y+
Y
−
VREF
IOVDD
TEMP0
7.5k
Ω
2.5k
Ω
A2− A0
(Shown 001
B)
SER/DFR
(Shown Low)
Figure 2. Simplified Diagram of Analog Input
A2
A1
A0
VBAT
AUXIN
TEMP
Y−
X+
Y+
Y-POSITION X-POSITION Z1-POSITION Z2-POSITION X-DRIVERS Y-DRIVERS
0
0
0
+IN (TEMP0)
Off
Off
0
0
1
+IN
Measure
Off
On
0
1
0
+IN
Off
Off
0
1
1
+IN
Measure
X−, On
Y+, On
1
0
0
+IN
Measure
X−, On
Y+, On
1
0
1
+IN
Measure
On
Off
1
1
0
+IN
Off
Off
1
1
1
+IN (TEMP1)
Off
Off
Table 1. Input Configuration (DIN), Single-Ended Reference Mode (SER/DFR high)
A2
A1
A0
+REF
−REF
Y−
X+
Y+
Y-POSITION
X-POSITION
Z1-POSITION
Z2-POSITION
DRIVERS
0
0
1
Y+
Y−
+IN
Measure
Y+, Y−
0
1
1
Y+
X−
+IN
Measure
Y+, X−
1
0
0
Y+
X−
+IN
Measure
Y+, X−
1
0
1
X+
X−
+IN
Measure
X+, X−
Table 2. Input Configuration (DIN), Differential Reference Mode (SER/DFR low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com