Electronic Components Datasheet Search
  English  ▼

X  

TSC2046E Datasheet(PDF) 2 Page - Texas Instruments

Part # TSC2046E
Description  Low Voltage I/O TOUCH SCREEN CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2046E Datasheet(HTML) 2 Page - Texas Instruments

  TSC2046E Datasheet HTML 1Page - Texas Instruments TSC2046E Datasheet HTML 2Page - Texas Instruments TSC2046E Datasheet HTML 3Page - Texas Instruments TSC2046E Datasheet HTML 4Page - Texas Instruments TSC2046E Datasheet HTML 5Page - Texas Instruments TSC2046E Datasheet HTML 6Page - Texas Instruments TSC2046E Datasheet HTML 7Page - Texas Instruments TSC2046E Datasheet HTML 8Page - Texas Instruments TSC2046E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TSC2046E
SBAS417B − JUNE 2007 − REVISED JANUARY 2008
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
+VCC and IOVDD to GND
−0.3V to +6V
. . . . . . . . . . . . . . . . . . . . .
Analog Inputs to GND
−0.3V to +VCC + 0.3V
. . . . . . . . . . . . . . . . .
Digital Inputs to GND
−0.3V to IOVDD + 0.3V
. . . . . . . . . . . . . . . . .
Power Dissipation
250mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−40
°C to +85°C
. . . . . . . . . . . . . . . .
Storage Temperature Range
−65
°C to +150°C
. . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . . .
IEC Contact Discharge (X+, X−, Y+, Y−)(2)
±15kV
. . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) Test method based on IEC standard 61000−4−2. Contact Texas
Instruments for test details.
ELECTROSTATIC DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
NOMINAL
PENIRQ
PULLUP
RESISTOR
VALUES
MAXIMUM
INTEGRAL
LINEARITY
ERROR
(LSB)
PACKAGE-
LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
TSSOP-16
PW
−40
°C to +85°C
TSC2046EI
TSC2046EIPW
Rails, 100
TSSOP-16
PW
−40
°C to +85°C
TSC2046EI
TSC2046EIPWR
Tape and Reel, 2500
TSC2046E
50k
Ω
±2
4x4, 0.8mm
Thin
RGV
−40
°C to +85°C
TSC2046E
TSC2046EIRGVT
Tape and Reel, 250
TSC2046E
50k
Ω
±2
Thin
QFN-16
RGV
−40
°C to +85°C
TSC2046E
TSC2046EIRGVR
Tape and Reel, 2500
4x4
VFBGA-48
ZQC
−40
°C to +85°C
BC2046E
TSC2046EIZQCR
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see the TI web
site at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com