Electronic Components Datasheet Search
  English  ▼

X  

TSC2046E Datasheet(PDF) 1 Page - Texas Instruments

Part # TSC2046E
Description  Low Voltage I/O TOUCH SCREEN CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2046E Datasheet(HTML) 1 Page - Texas Instruments

  TSC2046E Datasheet HTML 1Page - Texas Instruments TSC2046E Datasheet HTML 2Page - Texas Instruments TSC2046E Datasheet HTML 3Page - Texas Instruments TSC2046E Datasheet HTML 4Page - Texas Instruments TSC2046E Datasheet HTML 5Page - Texas Instruments TSC2046E Datasheet HTML 6Page - Texas Instruments TSC2046E Datasheet HTML 7Page - Texas Instruments TSC2046E Datasheet HTML 8Page - Texas Instruments TSC2046E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
FEATURES
D Same Pinout as ADS7846
D 2.2V to 5.25V Operation
D 1.5V to 5.25V Digital I/O
D Internal 2.5V Reference
D Direct Battery Measurement (0V to 6V)
D On-Chip Temperature Measurement
D Touch-Pressure Measurement
D QSPI and SPI 3-Wire Interface
D Auto Power-Down
D Exceeds IEC 61000-4-2 ESD Requirements
−
+15kV Contact Discharge
− No External Components Needed
D Available In TSSOP-16, QFN-16, and
VFBGA-48 Packages
APPLICATIONS
D Personal Digital Assistants
D Portable Instruments
D Point-of-Sale Terminals
D Pagers
D Touch Screen Monitors
D Cellular Phones
US Patent No. 6246394
DESCRIPTION
The TSC2046E is the next-generation version of the
ADS7846 4-wire touch screen controller, supporting a
low-voltage I/O interface from 1.5V to 5.25V. The
TSC2046E is 100% pin-compatible with the existing
ADS7846, and drops into the same socket. This design
allows for an easy upgrade of current applications to the
new version. The TSC2046E also has an on-chip 2.5V
reference that can be used for the auxiliary input, battery
monitor, and temperature measurement modes. The
reference can also be powered down when not used to
conserve power. The internal reference operates down to
a supply voltage of 2.7V, while monitoring the battery
voltage from 0V to 6V.
The low-power consumption of < 0.75mW typ at 2.7V
(reference off), high-speed (up to 125kHz sample rate),
and on-chip drivers make the TSC2046E an ideal choice
for battery-operated systems such as personal digital
assistants (PDAs) with resistive touch screens, pagers,
cellular phones, and other portable equipment. The
TSC2046E is available in TSSOP-16, QFN-16, and
VFBGA-48 packages and is specified over the –40
°C to
+85
°C temperature range.
CDAC
Internal 2.5V Reference
SAR
TSC2046E
Comparator
6−Channel
MUX
Serial
Data
In/Out
Tem pe rature
Se n s or
Pe n D e tec t
Battery
Monitor
DOUT
BUSY
CS
DCLK
DIN
VBAT
AUX
V
RE F
+V
CC
IOVDD
X+
X
−
Y+
Y
−
PENIRQ
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2007−2008, Texas Instruments Incorporated
SPI and QSPI are trademarks of Motorola Inc.
Microwire is a trademark of National Semiconductor Corporation.
All other trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
TSC2046E
SBAS417B − JUNE 2007 − REVISED JANUARY 2008
Low Voltage I/O
TOUCH SCREEN CONTROLLER


Similar Part No. - TSC2046E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E Datasheet
645Kb / 30P
Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046E TI2-TSC2046E Datasheet
639Kb / 30P
LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
JUNE 2010
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
TSC2046E-Q1 TI2-TSC2046E-Q1 Datasheet
639Kb / 30P
LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
JUNE 2010
logo
Burr-Brown (TI)
TSC2046EIPW BURR-BROWN-TSC2046EIPW Datasheet
554Kb / 23P
Low Voltage I/O TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2046E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
Low Voltage I/O Touch Screen Controller
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com