Electronic Components Datasheet Search
  English  ▼

X  

1718396 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1718396
Description  M23-19P1N8A8002S - Cable connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1718396 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1718396 Datasheet HTML 1Page - PHOENIX CONTACT 1718396 Datasheet HTML 2Page - PHOENIX CONTACT 1718396 Datasheet HTML 3Page - PHOENIX CONTACT 1718396 Datasheet HTML 4Page - PHOENIX CONTACT 1718396 Datasheet HTML 5Page - PHOENIX CONTACT 1718396 Datasheet HTML 6Page - PHOENIX CONTACT 1718396 Datasheet HTML 7Page - PHOENIX CONTACT 1718396 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
warm up. In this case, the user is responsible for posting
warnings (e.g. DIN EN ISO 13732-1:2008-12).
Material specifications
Flammability rating according to UL 94
V0
Connector
Insulating body
Coding
N
Material (Insulating body)
PA 6.6
Connection method
Crimp connection
Contact switching type
Pin
Application
Signal
Number of positions
19
Direction of rotation
Standard
Connection profile
16+3
Installation height
2000 m
Number Contact (Contact group 1)
3
Diameter Contact (Contact group 1)
1.5 mm
Litz wire cross-section min. Contact (Contact group 1)
0.08 mm²
Litz wire cross-section max. Contact (Contact group 1)
1 mm²
Rated current Contact (Contact group 1)
10 A (for max. connection cross section)
Rated voltage Contact (Contact group 1)
50 V
Rated surge voltage
0.8 kV
Overvoltage category
III
Degree of pollution
3
Number Contact (Contact group 2)
16
Diameter Contact (Contact group 2)
1 mm
Litz wire cross-section min. Contact (Contact group 2)
0.08 mm²
Litz wire cross-section max. Contact (Contact group 2)
1 mm²
Rated current Contact (Contact group 2)
8 A (for max. connection cross section)
Rated voltage Contact (Contact group 2)
50 V
Rated surge voltage
0.8 kV
Overvoltage category
III
Degree of pollution
3
Housing
Type
Cable connector housing
Thread type
M23
Design
straight
Type of locking
ONECLICK fast locking system
Pg screw connection
none
Material (Housing)
GD-Zn
Degree of protection (plugged in)
IP66/IP68 (2 m / 24 h) IP69K
M23-19P1N8A8002S - Cable connector
1718396
https://www.phoenixcontact.com/us/products/1718396
Dec 4, 2025, 12:46AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com