Electronic Components Datasheet Search
  English  ▼

X  

1718396 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1718396
Description  M23-19P1N8A8002S - Cable connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1718396 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1718396 Datasheet HTML 1Page - PHOENIX CONTACT 1718396 Datasheet HTML 2Page - PHOENIX CONTACT 1718396 Datasheet HTML 3Page - PHOENIX CONTACT 1718396 Datasheet HTML 4Page - PHOENIX CONTACT 1718396 Datasheet HTML 5Page - PHOENIX CONTACT 1718396 Datasheet HTML 6Page - PHOENIX CONTACT 1718396 Datasheet HTML 7Page - PHOENIX CONTACT 1718396 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
M23, Cable connector, series: M23 PRO, straight, shielded: yes, ONECLICK fast locking system,
No. of pos.: 16+3, Direction of rotation: Standard, contact connection type: Pin, Crimp
connection, cable diameter range: 4 mm ... 8.5 mm, coding: N, Item is lead-free in accordance
with RoHS II without Exemption 6c (Pb < 0.1 %)
Your advantages
Solutions with cross-manufacturer compatibility for standard and fast locking systems
•
ONECLICK fast locking system with an optically, haptically, and acoustically clear locking position
•
Reliable under the harshest conditions: cable connectors with vibration brake
•
Modern, consistent design for highly convenient operation
•
Easy, cost-effective cable assembly: uniform shielding of M17 to M40
•
Commercial data
Item number
1718396
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB30
Product key
ABRABB
GTIN
4067923268920
Weight per piece (including packing)
116 g
Weight per piece (excluding packing)
116 g
Customs tariff number
85366990
Country of origin
DE
M23-19P1N8A8002S - Cable connector
1718396
https://www.phoenixcontact.com/us/products/1718396
Dec 4, 2025, 12:46AM
Page 1 (8)


Similar Part No. - 1718396

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1718392 PHOENIX-1718392 Datasheet
338Kb / 11P
M23-19S1N8A8002 - Cable connector
1718393 PHOENIX-1718393 Datasheet
263Kb / 8P
M23-19S1N8A8003 - Cable connector
1718394 PHOENIX-1718394 Datasheet
317Kb / 9P
M23-19S1N8A8004 - Cable connector
1718395 PHOENIX-1718395 Datasheet
263Kb / 8P
M23-19S1N8A80DU - Cable connector
1718397 PHOENIX-1718397 Datasheet
77Kb / 4P
Printed-circuit board connector - PC 5/ 4-STCL-7,62
More results

Similar Description - 1718396

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1629176 PHOENIX-1629176 Datasheet
354Kb / 7P
Cable connector - M23-07P1N8A80DUS
02/04/2022
1629204 PHOENIX-1629204 Datasheet
377Kb / 8P
Cable connector - M23-17S1N8A80DU
02/04/2022
1629208 PHOENIX-1629208 Datasheet
380Kb / 8P
Cable connector - M23-12P1N8A80DU
02/04/2022
1629192 PHOENIX-1629192 Datasheet
537Kb / 16P
M23-1RP1N8A80DU - Cable connector
1628814 PHOENIX-1628814 Datasheet
520Kb / 14P
M23-7ES198A8023S - Cable connector
1628847 PHOENIX-1628847 Datasheet
514Kb / 14P
M23-7EP198A8LDLS - Cable connector
1629162 PHOENIX-1629162 Datasheet
617Kb / 16P
M23-12P1N8A8003S - Cable connector
1629166 PHOENIX-1629166 Datasheet
635Kb / 17P
M23-12S1N8A8003S - Cable connector
1629187 PHOENIX-1629187 Datasheet
521Kb / 14P
M23-06S1N8A8002S - Cable connector
1629206 PHOENIX-1629206 Datasheet
641Kb / 18P
M23-17S1N8A8003 - Cable connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com