Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM1117
Description  LM1117-Q1 18V, 1A, Automotive, Fixed-Output Linear Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1117 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM1117 Datasheet HTML 8Page - Texas Instruments LM1117 Datasheet HTML 9Page - Texas Instruments LM1117 Datasheet HTML 10Page - Texas Instruments LM1117 Datasheet HTML 11Page - Texas Instruments LM1117 Datasheet HTML 12Page - Texas Instruments LM1117 Datasheet HTML 13Page - Texas Instruments LM1117 Datasheet HTML 14Page - Texas Instruments LM1117 Datasheet HTML 15Page - Texas Instruments LM1117 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
The output pulldown current for this device is 0.9mA typical.
Do not rely on the output pulldown circuit for discharging a large amount of output capacitance after the input
supply collapses. When the input supply collapses, reverse current flows from the output to the input, and this
reverse current causes damage to the device. See the Reverse Current section for more details.
6.3.5 Thermal Shutdown
The device contains a thermal shutdown protection circuit to disable the device when the junction temperature
(TJ) of the pass transistor rises to TSD(shutdown) (typical). Thermal shutdown hysteresis makes sure the device
resets (turns on) when the temperature falls to TSD(reset) (typical).
The thermal time-constant of the semiconductor die is fairly short. Thus the device cycles on and off when
thermal shutdown is reached until power dissipation is reduced. Power dissipation during start-up is high from
large VIN – VOUT voltage drops across the device or from high inrush currents charging large output capacitors.
Under some conditions, the thermal shutdown protection disables the device before start-up completes.
For reliable operation, limit the junction temperature to the maximum listed in the Recommended Operating
Conditions table. Operation above this maximum temperature causes the device to exceed operational
specifications. Although the device internal protection circuitry is designed to protect against thermal overall
conditions, this circuitry is not intended to replace proper heat sinking. Continuously running the device into
thermal shutdown or above the maximum recommended junction temperature reduces long-term reliability.
LM1117-Q1
SBVS468A – DECEMBER 2024 – REVISED JUNE 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM1117-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com