Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM1117
Description  LM1117-Q1 18V, 1A, Automotive, Fixed-Output Linear Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1117 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM1117 Datasheet HTML 9Page - Texas Instruments LM1117 Datasheet HTML 10Page - Texas Instruments LM1117 Datasheet HTML 11Page - Texas Instruments LM1117 Datasheet HTML 12Page - Texas Instruments LM1117 Datasheet HTML 13Page - Texas Instruments LM1117 Datasheet HTML 14Page - Texas Instruments LM1117 Datasheet HTML 15Page - Texas Instruments LM1117 Datasheet HTML 16Page - Texas Instruments LM1117 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
6.4 Device Functional Modes
Table 6-1 shows the conditions that lead to the different modes of operation. See the Electrical Characteristics
table for parameter values.
Table 6-1. Device Functional Mode Comparison
OPERATING MODE
PARAMETER
VIN
IOUT
TJ
Normal operation
VIN > VOUT(nom) + VDO and VIN > VIN(min)
IOUT < IOUT(max)
TJ < TSD(shutdown)
Dropout operation
VIN(min) < VIN < VOUT(nom) + VDO
IOUT < IOUT(max)
TJ < TSD(shutdown)
Disabled
(any true condition
disables the device)
VIN < VUVLO
Not applicable
TJ > TSD(shutdown)
6.4.1 Normal Operation
The device regulates to the nominal output voltage when the following conditions are met:
• The input voltage is greater than the nominal output voltage plus the dropout voltage (VOUT(nom) + VDO)
• The output current is less than the current limit (IOUT < ICL)
• The device junction temperature is less than the thermal shutdown temperature (TJ < TSD)
6.4.2 Dropout Operation
If the input voltage is lower than the nominal output voltage plus the specified dropout voltage, but all other
conditions are met for normal operation, the device operates in dropout mode. In this mode, the output voltage
tracks the input voltage. During this mode, the transient performance of the device becomes significantly
degraded because the pass transistor is in the ohmic or triode region, and acts as a switch. Line or load
transients in dropout result in large output-voltage deviations.
When the device is in a steady dropout state (defined as when the device is in dropout, VIN < VOUT(NOM) + VDO,
directly after being in a normal regulation state, but not during start-up), the pass transistor is driven into the
ohmic or triode region. When the input voltage returns to a value greater than or equal to the nominal output
voltage plus the dropout voltage (VOUT(NOM) + VDO), the output voltage overshoots for a short period of time
while the device pulls the pass transistor back into the linear region.
6.4.3 Disabled
The device output is disabled if VIN is less than the UVLO voltage, or if the device junction temperature exceeds
the thermal shutdown threshold. See the Electrical Characteristics table for more details regarding the UVLO
voltage thresholds and thermal shutdown. When disabled, the pass transistor turns off and internal circuits shut
down. The output voltage is also actively discharged to ground by an internal discharge circuit from the output to
ground.
www.ti.com
LM1117-Q1
SBVS468A – DECEMBER 2024 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM1117-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com