Electronic Components Datasheet Search
  English  ▼

X  

TMUXHS221F Datasheet(PDF) 3 Page - Texas Instruments

Part # TMUXHS221F
Description  TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 30V Overvoltage Protection and 1.2V Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUXHS221F Datasheet(HTML) 3 Page - Texas Instruments

  TMUXHS221F Datasheet HTML 1Page - Texas Instruments TMUXHS221F Datasheet HTML 2Page - Texas Instruments TMUXHS221F Datasheet HTML 3Page - Texas Instruments TMUXHS221F Datasheet HTML 4Page - Texas Instruments TMUXHS221F Datasheet HTML 5Page - Texas Instruments TMUXHS221F Datasheet HTML 6Page - Texas Instruments TMUXHS221F Datasheet HTML 7Page - Texas Instruments TMUXHS221F Datasheet HTML 8Page - Texas Instruments TMUXHS221F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
4 Pin Configuration and Functions
Figure 4-1. RSW Package 10-Pin UQFN (Top View)
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
D+
1
I/O
Data signals Common Port, positive
D-
2
I/O
Data signals Common Port, negative
D1+
5
I/O
Data signals Port A, positive
D1-
4
I/O
Data signals Port A, negative
D2+
7
I/O
Data signals Port B, positive
D2-
6
I/O
Data signals Port B, negative
SEL
10
IN
Switch control configuration signal as provided in Table 7-1.
OEn
8
IN
VCC
9
P
Power supply
GND
3
G
Ground
(1)
IN = input, I/O = input or output, P = power, G = ground
www.ti.com
TMUXHS221F
SLVSIV4A – SEPTEMBER 2025 – REVISED NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUXHS221F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com