Electronic Components Datasheet Search
  English  ▼

X  

TMUXHS221F Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUXHS221F
Description  TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 30V Overvoltage Protection and 1.2V Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUXHS221F Datasheet(HTML) 1 Page - Texas Instruments

  TMUXHS221F Datasheet HTML 1Page - Texas Instruments TMUXHS221F Datasheet HTML 2Page - Texas Instruments TMUXHS221F Datasheet HTML 3Page - Texas Instruments TMUXHS221F Datasheet HTML 4Page - Texas Instruments TMUXHS221F Datasheet HTML 5Page - Texas Instruments TMUXHS221F Datasheet HTML 6Page - Texas Instruments TMUXHS221F Datasheet HTML 7Page - Texas Instruments TMUXHS221F Datasheet HTML 8Page - Texas Instruments TMUXHS221F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 30V Overvoltage Protection and 1.2V
Logic
1 Features
• Supply range: 1.62V to 5.5V
• Differential 2:1 or 1:2 switch/multiplexer or flexible
dual single-ended cross switch
• Overvoltage protection (OVP) on common pins -
28V with absolute maximum overvoltage - 30V
• IEC-61000-4-5 Surge Tolerant - +35V
• 1.2V compatible logic inputs: extended 1.2V logic
support with 0.77VIH 0.39VIL
• Powered-off protection when VCC = 0V
• Low RON: 9Ω maximum
• BW: 1.5GHz typical
• Low CON: 1.3pF typical
• LowPower Disable mode
• ESD protection exceeds JESD 22 human body
model (HBM): 2000V
• Wide temperature range: –40°C to 125°C
• 10-pin small UQFN package - 1.8mm × 1.4mm
2 Applications
• Mobile
• PC, notebook
• Tablet
• Anywhere a USB Type-C® or Micro-B connector is
used
3 Description
The TMUXHS221F is a bidirectional low-power
dual port, high-speed, USB 2.0 analog switch with
integrated protection for USB Type-C systems. The
device is configured as a dual 2:1 or 1:2 switch.
TMUXHS221F is optimized for use with the USB 2.0
D+/- lines in a USB Type-C systems.
The TMUXHS221F protection on the I/O pins can
tolerate up to 30V with automatic shutoff circuitry to
protect system components behind the switch.
The TMUXHS221F comes in a small industry
standard 10-pin QFN package. TMUXHS221F has
an extended temperature range that is an excellent
choice for many rugged applications including
industrial and high reliability use cases.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TMUXHS221F
RSW (UQFN, 10)
1.8mm × 1.4mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
SBU Pins Application Use Case
D+/D- Pins Application Use Case
TMUXHS221F
SLVSIV4A – SEPTEMBER 2025 – REVISED NOVEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUXHS221F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUXHS221F TI2-TMUXHS221F Datasheet
1Mb / 23P
TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 28V Overvoltage Protection and 1.2V Logic
SEPTEMBER 2025
More results

Similar Description - TMUXHS221F

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Analog Devices
ADG772 AD-ADG772 Datasheet
408Kb / 12P
CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
8/07-Revision 0
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
Wide Bandwidth, Dual 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Texas Instruments
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC41 TI1-TS5USBC41 Datasheet
585Kb / 27P
Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com