Electronic Components Datasheet Search
  English  ▼

X  

TUSB214RWBT Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB214RWBT
Description  TUSB214 USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB214RWBT Datasheet(HTML) 1 Page - Texas Instruments

  TUSB214RWBT Datasheet HTML 1Page - Texas Instruments TUSB214RWBT Datasheet HTML 2Page - Texas Instruments TUSB214RWBT Datasheet HTML 3Page - Texas Instruments TUSB214RWBT Datasheet HTML 4Page - Texas Instruments TUSB214RWBT Datasheet HTML 5Page - Texas Instruments TUSB214RWBT Datasheet HTML 6Page - Texas Instruments TUSB214RWBT Datasheet HTML 7Page - Texas Instruments TUSB214RWBT Datasheet HTML 8Page - Texas Instruments TUSB214RWBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
D2
D1
Cable
USB
Connector
VCC
3.3 V
GND
Copyright © 2017, Texas Instruments Incorporated
USB
Host
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB214
SLLSEX7A – AUGUST 2017 – REVISED SEPTEMBER 2017
TUSB214 USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
1
1 Features
1
•
Compatible with USB 2.0, OTG 2.0 and BC 1.2
•
Pin strap or I2C configurable
•
BC1.2 Charging Downstream Port (CDP)
controller
•
Support for LS, FS, HS signaling
•
Ultra-low USB Disconnect and Shutdown Power
Consumption
•
Selectable Signal Gain Via Daisy Chain Device for
High Loss Applications
•
D1P/M and D2P/M Interchangeable and
Host/Device Agnostic
•
Supports up to 5m pre-channel or 2m post-
channel Cable Length
–
Four Selectable AC Boost Settings Via
External Pulldown Resistor
–
DC Boost Along With AC Boost for Best Signal
Integrity
2 Applications
•
Notebooks
•
Desktops
•
Docking Stations
•
Tablets
•
Cell Phones
•
Active Cable, Cable Extenders
•
Backplane
•
Televisions
3 Description
The TUSB214 is a USB High-Speed (HS) signal
conditioner, designed to compensate for ISI signal
loss in a transmission channel.
TUSB214 has a patent-pending design which is
agnostic to USB Low Speed (LS) and Full Speed
(FS) signals. LS and FS signal characteristics are
unaffected by the TUSB214 while HS signals are
compensated.
Programmable signal AC boost and DC boost permits
fine tuning device performance to optimize High
Speed signals at the connector. This helps to pass
USB High Speed electrical compliance tests.
In addition, TUSB214 is compatible with the USB On-
The-Go (OTG) and Battery Charging (BC) protocols.
The TUSB214 provides BC1.2 Charging Downstream
Port (CDP) controller for applications in which USB
host or hub do not have this support.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB214
TUSB214I
X2QFN (12)
1.60 mm x 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - TUSB214RWBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB214RWBT TI1-TUSB214RWBT Datasheet
836Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
More results

Similar Description - TUSB214RWBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB214 TI1-TUSB214 Datasheet
836Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB217A TI-TUSB217A Datasheet
4Mb / 31P
TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB217A-Q1 TI-TUSB217A-Q1 Datasheet
3Mb / 33P
TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com