Electronic Components Datasheet Search
  English  ▼

X  

TUSB214RWBT Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB214RWBT
Description  TUSB214 USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB214RWBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB214RWBT Datasheet HTML 6Page - Texas Instruments TUSB214RWBT Datasheet HTML 7Page - Texas Instruments TUSB214RWBT Datasheet HTML 8Page - Texas Instruments TUSB214RWBT Datasheet HTML 9Page - Texas Instruments TUSB214RWBT Datasheet HTML 10Page - Texas Instruments TUSB214RWBT Datasheet HTML 11Page - Texas Instruments TUSB214RWBT Datasheet HTML 12Page - Texas Instruments TUSB214RWBT Datasheet HTML 13Page - Texas Instruments TUSB214RWBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
TUSB214
SLLSEX7A – AUGUST 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TUSB214
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
Table 2. Register definition (continued)
Offset
Bit(s)
Name
Type
Default
Description
0x0E
2:0
DCB_LVL
RW
XXX (Sampled from
DC_BOOST pin at reset)
Sets the level of DC Boost
011 : 40mV (DC_Boost = L)
101 : 60mV (DC_Boost = M, default)
111 : 80mV (DC_Boost = H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com