Electronic Components Datasheet Search
  English  ▼

X  

TUSB9261 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB9261
Description  TUSB9261 USB 3.0 to SATA Bridge
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9261 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB9261 Datasheet HTML 5Page - Texas Instruments TUSB9261 Datasheet HTML 6Page - Texas Instruments TUSB9261 Datasheet HTML 7Page - Texas Instruments TUSB9261 Datasheet HTML 8Page - Texas Instruments TUSB9261 Datasheet HTML 9Page - Texas Instruments TUSB9261 Datasheet HTML 10Page - Texas Instruments TUSB9261 Datasheet HTML 11Page - Texas Instruments TUSB9261 Datasheet HTML 12Page - Texas Instruments TUSB9261 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
TUSB9261
www.ti.com
SLLSE67I – MARCH 2011 – REVISED MARCH 2016
Product Folder Links: TUSB9261
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Sigma value assuming Gaussian distribution
(2)
After application of JTF
(3)
Calculated as 14.1 × RJ + DJ
(4)
Absolute phase jitter (p-p)
6.8 Oscillator Specification
XI should be tied to the 1.8-V clock source and XO should be left floating. VSSOSC should be connected to the PCB ground
plane. A 40-MHz clock can be used.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CXI
XI input capacitance
TJ = 25°C
0.414
pF
VIL
Low-level input voltage
0.7
V
VIH
High-level input voltage
1.05
V
Ttosc_i
Frequency tolerance
Operational temperature
–50
50
ppm
Tduty
Duty cycle
45%
50%
55%
TR/TF
Rise/fall time
20% to 80%
6
ns
RJ
Reference clock
JTF (1 sigma)(1)(2)
0.8
ps
TJ
Reference clock
JTF (total p-p)(2)(3)
25
ps
Tp-p
Reference clock jitter
(Absolute p-p)(4)
50
ps
6.9 Crystal Specification
A parallel, 20-pF load capacitor should be used if a crystal source is used. VSSOSC should not be connected to the PCB
ground plane. A 40-MHz crystal can be used.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Oscillation mode
Fundamental
ƒO
Oscillation frequency
40
MHz
ESR
Equivalent series resistance
40 MHz
50
Ω
Ttosc_i
Frequency tolerance
Operational temperature
±50
ppm
Frequency stability
1 year aging
±50
ppm
CL
Load capacitance
12
20
24
pF
CSHUNT
Crystal and board stray capacitance
4.5
pF
Drive level (max)
0.8
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com