Electronic Components Datasheet Search
  English  ▼

X  

CMM6004-SC Datasheet(PDF) 8 Page - Mimix Broadband

Part # CMM6004-SC
Description  0.3-3.0 GHz High Dynamic Range Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM6004-SC Datasheet(HTML) 8 Page - Mimix Broadband

Back Button CMM6004-SC Datasheet HTML 2Page - Mimix Broadband CMM6004-SC Datasheet HTML 3Page - Mimix Broadband CMM6004-SC Datasheet HTML 4Page - Mimix Broadband CMM6004-SC Datasheet HTML 5Page - Mimix Broadband CMM6004-SC Datasheet HTML 6Page - Mimix Broadband CMM6004-SC Datasheet HTML 7Page - Mimix Broadband CMM6004-SC Datasheet HTML 8Page - Mimix Broadband CMM6004-SC Datasheet HTML 9Page - Mimix Broadband CMM6004-SC Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Page 8 of 10
Typical Scattering Parameters
CMM6004-SC
(Vds = +5V, Ids = 150 mA, T = 22ºC, unmatched device in a 50 ohm system)
Frequency
S11
S21
S12
S22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
300
0.337
-47.270
7.379
157.500
0.066
-3.397
0.067
-164.10
400
0.349
-58.240
7.259
151.400
0.066
-6.123
0.064
-173.50
500
0.363
-68.990
7.127
145.300
0.066
-8.429
0.062
-179.70
600
0.379
-79.290
6.986
139.300
0.066
-10.740
0.060
-173.90
700
0.396
-89.000
6.829
133.300
0.065
-12.900
0.059
-169.10
800
0.413
-98.120
6.666
127.400
0.065
-14.990
0.057
-165.00
900
0.430
-106.700
6.502
121.600
0.065
-16.990
0.055
-161.60
1000
0.447
-114.700
6.330
115.900
0.065
-18.970
0.053
-158.60
1100
0.467
-122.400
6.162
110.300
0.065
-20.840
0.052
-155.50
1200
0.475
-129.600
5.991
104.900
0.065
-22.900
0.049
-152.50
1300
0.490
-136.500
5.820
99.610
0.065
-24.660
0.047
-150.10
1400
0.502
-143.100
5.655
94.400
0.065
-26.510
0.046
-147.00
1500
0.513
-149.400
5.494
89.350
0.064
-28.490
0.044
-144.30
1600
0.524
-155.500
5.339
84.370
0.064
-30.130
0.042
-141.50
1700
0.534
-161.400
5.189
79.490
0.064
-32.120
0.041
-138.80
1800
0.543
-167.100
5.045
74.690
0.064
-34.010
0.040
-136.00
1900
0.551
-172.60
4.906
69.960
0.064
-35.800
0.039
-133.00
2000
0.559
-178.000
4.775
65.320
0.064
-37.620
0.038
-130.00
2100
0.565
176.800
4.647
60.730
0.064
-39.550
0.037
-127.20
2200
0.571
171.500
4.523
56.180
0.064
-41.370
0.037
-124.10
2300
0.577
166.400
4.402
51.720
0.064
-43.200
0.036
-119.80
2400
0.582
161.400
4.289
47.320
0.064
-45.090
0.035
-116.00
2500
0.588
156.500
4.183
42.960
0.064
-46.900
0.036
-111.50
2600
0.539
151.600
4.081
38.610
0.065
-48.790
0.035
-106.20
2700
0.597
146.800
3.983
34.330
0.065
-50.760
0.035
-101.30
2800
0.600
142.000
3.886
30.050
0.065
-52.670
0.036
-95.96
2900
0.605
137.200
3.795
25.810
0.065
-54.540
0.037
-90.92
3000
0.608
132.500
3.706
21.620
0.065
-56.660
0.038
-85.54
S-Parameter Data Files are available online at www.mimixbroadband.com.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 09-Aug-07
0.3-3.0 GHz
High Dynamic Range Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com