Electronic Components Datasheet Search
  English  ▼

X  

CMM6004-SC Datasheet(PDF) 1 Page - Mimix Broadband

Part # CMM6004-SC
Description  0.3-3.0 GHz High Dynamic Range Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM6004-SC Datasheet(HTML) 1 Page - Mimix Broadband

  CMM6004-SC Datasheet HTML 1Page - Mimix Broadband CMM6004-SC Datasheet HTML 2Page - Mimix Broadband CMM6004-SC Datasheet HTML 3Page - Mimix Broadband CMM6004-SC Datasheet HTML 4Page - Mimix Broadband CMM6004-SC Datasheet HTML 5Page - Mimix Broadband CMM6004-SC Datasheet HTML 6Page - Mimix Broadband CMM6004-SC Datasheet HTML 7Page - Mimix Broadband CMM6004-SC Datasheet HTML 8Page - Mimix Broadband CMM6004-SC Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 09-Aug-07
0.3-3.0 GHz
High Dynamic Range Amplifier
Page 1 of 10
Features
Circuit Description
Functional Block Diagram
CMM6004-SC
0.25 to 3.0 GHz Frequency Range
41 dBm Output IP3
2.1 dB Noise Figure
14.5 dB Gain
23.5 dBm P1dB
SOT-89 SMT Package
Single Power Supply
+3V to +5V Voltage Rail
The CMM6004-SC is a high dynamic range amplifier designed
for applications operating within the 035 to 3.0 GHz frequency
range. It is an ideal solution for transmit and receive functions
where high linearity is required. The amplifier has the flexibility
of being optimized for a number of wireless applications. The
combination of low NF and high IP3 at the same bias point
make it an ideal transmit or receive solution when used in
applications including cellular and PCS (personal
communications service) operating from 0.8 to 2.2 GHz; MMDS
(multichannel multipoint distribution systems) operating from
2.2 to 2.7 GHz; and WLAN (wireless LAN) operating at 2.4 GHz.
The CMM6004-SC is packaged in a low-cost, space efficient,
surface mount SOT-89 package which provides excellent
electrical stability and low thermal resistance. All devices are
100% RF and DC tested.
Input
Ground Output
Bias
Ground
1
2
3
4
Supply Voltage
RF Input Power*
Storage Temperature (Tstg)
Junction Temperature
Operating Temperature
Thermal Resistance
+6.0 V
+20 dBm
-55 ºC to +125 ºC
150 ºC
-40 ºC to +85ºC
52 ºC/W
Absolute Maximum Ratings
Operation of this device above any of these parameters may cause damage.
*Operation with more than 10 dBm of input power may cause 2 dB
degradation in OIP3 performance.
Parameter
Condition
Min
Typ
Max Units
Frequency Range
0.3
3.0
GHz
Gain
Externally matched
13.5
14.5
dB
Input Return Loss
Externally matched
-10
dB
Output IP3
+38
+41
dBm
Noise Figure
2.1
dB
Output P1dB
23
dBm
Operating Current Range
120
150
180
mA
Supply Voltage
5.0
V
Unless otherwise specified,the following specifications are guaranteed at room
temperature in a Mimix fixture.
Notes:
1. T = 25ºC, Vdd = 5.0, Frequency = 800 MHz, 50 Ohm system
2. OIP3 measured with two tones at output power of 5 dBm/tone separated by 10 MHz.
Electrical Characteristics (T=25ºC)
Frequency Range
900
1900
2400
MHz
Gain
16.5
14.5
13.6
dB
Input Return Loss
-18
-15
-15
dB
Output Return Loss
-14
-10
-12
dB
Output IP3
+41.5 +41.0
+41.0
dBm
Output P1dB
23.8
23.5
23.0
dBm
Noise Figure
1.8
2.2
2.3
dB
1. Typical values reflect performance in recommended application circuit.
Typical Parameters
Parameter
Typical
Units


Similar Part No. - CMM6004-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM6004-SC ETC-CMM6004-SC Datasheet
510Kb / 7P
0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER
logo
Mimix Broadband
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
0.25-3.0 GHz High Dynamic Range Amplifier
CMM6004-SC-0G00 MIMIX-CMM6004-SC-0G00 Datasheet
273Kb / 10P
0.25-3.0 GHz High Dynamic Range Amplifier
CMM6004-SC-0G0T MIMIX-CMM6004-SC-0G0T Datasheet
273Kb / 10P
0.25-3.0 GHz High Dynamic Range Amplifier
More results

Similar Description - CMM6004-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM6004-SC ETC-CMM6004-SC Datasheet
510Kb / 7P
0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER
logo
Mimix Broadband
CDQ6004-QS MIMIX-CDQ6004-QS Datasheet
549Kb / 10P
0.05-4.0 GHz Dual High Dynamic Range Amplifier
CMM6001-SC MIMIX-CMM6001-SC Datasheet
111Kb / 5P
60 MHz - 3.0 GHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH Datasheet
247Kb / 6P
0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
0.25-3.0 GHz High Dynamic Range Amplifier
CDQ6004-QS MIMIX-CDQ6004-QS_07 Datasheet
535Kb / 10P
0.05-4.0 GHz Dual High Dynamic Range Amplifier
CMM6001-SC MIMIX-CMM6001-SC_07 Datasheet
112Kb / 5P
0.05-3.0 GHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
0.25-6.0 GHz High Dynamic Range Amplifier
XB1012-QT MIMIX-XB1012-QT Datasheet
177Kb / 6P
0.25-6 GHz High Dynamic Range Driver Amplifier
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
100.05-4.0 GHz Dual High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com