Electronic Components Datasheet Search
  English  ▼

X  

1-DC Datasheet(PDF) 4 Page - Crydom Inc.,

Part # 1-DC
Description  Panel Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

1-DC Datasheet(HTML) 4 Page - Crydom Inc.,

  1-DC Datasheet HTML 1Page - Crydom Inc., 1-DC Datasheet HTML 2Page - Crydom Inc., 1-DC Datasheet HTML 3Page - Crydom Inc., 1-DC Datasheet HTML 4Page - Crydom Inc., 1-DC Datasheet HTML 5Page - Crydom Inc., 1-DC Datasheet HTML 6Page - Crydom Inc., 1-DC Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DataSheet
Panel Mount
SURGE CURRENT INFORMATION
THERMAL DERATE INFORMATION
Do not forget to visit us at: www.crydom.com
Copyright © 2014 Crydom Inc. Specifications subject to change without notice.
0
50
100
150
200
250
300
350
0.1
1
10
100
1000
Surge Duration (msec)
D1D60
0
50
100
150
200
250
300
350
400
450
500
550
600
0.1
1
10
100
1000
Surge Duration (msec)
D1D80
0
200
400
600
800
0.1
1
10
100
1000
Surge Duration (msec)
D1D100
Duty Factor 10%
Duty Factor 20%
Duty Factor 50%
Period
Pulse
Wide
For Pulse Wide Modulation applications select
the curve according duty factor and pulse duration as following.
(i) for Single Surge Pulse Tc=40°C ;Tj 175°C
(ii) for Repetitive Surge Pulse Tc=40°C ;Tj 130°C
Duty Factor =
Pulse Wide
Period
x100 (%)
Single Pulse (i)
Duty Factor (10%) (ii)
Duty Factor (20%) (ii)
Duty Factor (50%) (ii)
0
20
40
60
20
30
40
50
60
70
80
90
100
D1D60
1°C/W
2°C/W
5°C/W
Ambient Temperature (ºC)
0
20
40
60
80
20
30
40
50
60
70
80
90
100
D1D80
0.5°C/W
1.5°C/W
3°C/W
5°C/W
Ambient Temperature (ºC)
0
20
40
60
80
100
20
30
40
50
60
70
80
90
100
D1D100
0.5°C/W
1.5°C/W
3°C/W
5°C/W
Ambient Temperature (ºC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com