Electronic Components Datasheet Search
  English  ▼

X  

1-DC Datasheet(PDF) 3 Page - Crydom Inc.,

Part # 1-DC
Description  Panel Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

1-DC Datasheet(HTML) 3 Page - Crydom Inc.,

  1-DC Datasheet HTML 1Page - Crydom Inc., 1-DC Datasheet HTML 2Page - Crydom Inc., 1-DC Datasheet HTML 3Page - Crydom Inc., 1-DC Datasheet HTML 4Page - Crydom Inc., 1-DC Datasheet HTML 5Page - Crydom Inc., 1-DC Datasheet HTML 6Page - Crydom Inc., 1-DC Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DataSheet
Panel Mount
MECHANICAL SPECIFICATIONS (1)
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
Screw Termination
1
OUTPUT
+
2
S OL I D S T A T E R EL A Y
4
INPUT
+
3
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.19 [4.9]
DIA.
0.89
[22.6]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
Hex Standoff Termination (“K” Option)
1
OUTPUT
+
2
S OL I D S T A T E R EL A Y
4
INPUT
+
3
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.19 [4.9]
DIA.
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
1.04
[26.4]
(4 places)
0.93
[23.6]
1.0
[25.4]
(2 places)
(2 places)
GENERAL NOTES
(1)
All parameters at Tc=25°C unless otherwise specified.
(2)
Heat sinking required, see derating curves. For “K” option maximum current is to 50 Amp.
(3)
Low current loads and high ambient temperature can affect turn-on time.
(4)
8VDC minimum control voltage. Resistive loads only. Consider switching losses; at maximum frequency reduce to 75% output current.
(5)
Increase minimum voltage by 1V for operations from -20 to -40°C.
(6)
Decrease maximum control voltage 1.35V/°C above 80°C ambient temperature.
(7) Option "K" is intended only for use in attaching a printed circuit board to the SSR or mounting the SSR to a printed
circuit board (PCB thicknesses from 0.031 to 0.093 inches [0.79 to 2.36 mm]).
(8)
All parameters at 50% power rating and 100% duty cycle (contact Crydom tech support for detailed report).
For additional information or specific questions, contact Crydom Technical Support.
(7)
Do not forget to visit us at: www.crydom.com
Copyright © 2014 Crydom Inc. Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com