Electronic Components Datasheet Search
  English  ▼

X  

STTH10002TV2 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STTH10002TV2
Description  Ultrafast Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH10002TV2 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STTH10002TV2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH10002TV2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STTH10002TV2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISUM6122
eq
STTH10002TV2
Ultrafast Recovery Diode
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 50A, TJ=25℃
--
--
1.0
V
IF= 100A, TJ=25℃
--
--
1.15
IF= 100A, TJ=125℃
--
--
1.0
IF= 50A, TJ=150℃
--
--
0.8
IF= 100A, TJ=150℃
0.97
IR
Reverse current
VR=200V, TJ=25℃
--
--
50
uA
VR= 200V,TJ=125℃
--
--
500
trr
Reverse Recovery Time
IF = 1A,VR = 30 V,
diF/dt = -50A/us, TJ= 25℃
--
--
65
ns
IF = 1A,VR = 30 V,
diF/dt = -200A/us
TJ= 25℃
--
--
37
PACKAGE OUTLINE (UNIT: mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com