Electronic Components Datasheet Search
  English  ▼

X  

STTH10002TV2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STTH10002TV2
Description  Ultrafast Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH10002TV2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STTH10002TV2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH10002TV2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STTH10002TV2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISUM6122
eq
STTH10002TV2
Ultrafast Recovery Diode
www.iscsemi.com
1
DESCRIPTION
·
Very Low Forward Losses
·
Low Recovery Time
·
High Surge Current Capability
·
Insulated Package
APPLICATIONS
·
Welding Equipment
·
High Power Industrial application
·
Power Converters
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRSM
Max. non-repetitive reverse blocking voltage,TVJ=25℃
200
V
VRRM
Max. repetitive reverse blocking voltage,TVJ=25℃
200
V
IF(RMS)
Forward rms current, PER diode
150
A
IF(AV)
Forward voltage drop,TC=45℃
Per Diode TC= 100℃
50
A
Per Device TC= 95℃
IFSM
Max. forward surge current,t = 10 ms sinusoidal
750
A
Rth j-c
Thermal Resistance,Junction to Case, Per Diode
1.0
/W
Thermal Resistance,Junction to Case total
0.55
/W
TJ
Junction Temperature
-40~150
Tstg
Storage Temperature Range
-40~150
SOT-227 package
K2
A1
11
K1
A2
A1
11
K2
K1 A2


Similar Part No. - STTH10002TV2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH10002TV2 STMICROELECTRONICS-STTH10002TV2 Datasheet
112Kb / 8P
Ultrafast recovery diode
05-Apr-2006
More results

Similar Description - STTH10002TV2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com