Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 212 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 212 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 208Page - Texas Instruments DM505LRBABF Datasheet HTML 209Page - Texas Instruments DM505LRBABF Datasheet HTML 210Page - Texas Instruments DM505LRBABF Datasheet HTML 211Page - Texas Instruments DM505LRBABF Datasheet HTML 212Page - Texas Instruments DM505LRBABF Datasheet HTML 213Page - Texas Instruments DM505LRBABF Datasheet HTML 214Page - Texas Instruments DM505LRBABF Datasheet HTML 215Page - Texas Instruments DM505LRBABF Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 295 page
background image
212
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
7.1.1
Initial Requirements and Guidelines
Unless otherwise specified, the characteristic impedance for single-ended interfaces is recommended to
be between 35 Ω and 65 Ω to minimize the overshoot or undershoot on far-end loads.
Characteristic impedance for differential interfaces must be routed as differential traces on the same layer.
The trace width and spacing must be chosen to yield the recommended differential impedance. For more
information see Section 7.5.1.
The PDN must be optimized for low trace resistance and low trace inductance for all high-current power
nets from PMIC to the device.
An external interface using a connector must be protected following the IEC61000-4-2 level 4 system
ESD.
7.2
Power Optimizations
This section describes the necessary steps for designing a robust Power Distribution Network (PDN):
•
Section 7.2.1, Step 1: PCB Stack-up
•
Section 7.2.2, Step 2: Physical Placement
•
Section 7.2.3, Step 3: Static Analysis
•
Section 7.2.4, Step 4: Frequency Analysis
7.2.1
Step 1: PCB Stack-up
The PCB stack-up (layer assignment) is an important factor in determining the optimal performance of the
power distribution system. An optimized PCB stack-up for higher power integrity performance can be
achieved by following these recommendations:
•
Power and ground plane pairs must be closely coupled together. The capacitance formed between the
planes can decouple the power supply at high frequencies. Whenever possible, the power and ground
planes must be solid to provide continuous return path for return current.
•
Use a thin dielectric between the power and ground plane pair. Capacitance is inversely proportional to
the separation of the plane pair. Minimizing the separation distance (the dielectric thickness)
maximizes the capacitance.
•
Optimize the power and ground plane pair carrying high current supplies to key component power
domains as close as possible to the same surface where these components are placed (see Figure 7-
1). This will help to minimize "loop inductance" encountered between supply decoupling capacitors and
component supply inputs and between power and ground plane pairs.
NOTE
1-2oz Cu weight for power / ground plane is preferred to enable better PCB heat spreading,
helping to reduce Processor junction temperatures. In addition, it is preferable to have the
power / ground planes be adjacent to the PCB surface on which the Processor is mounted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com