Electronic Components Datasheet Search
  English  ▼

X  

ISO7710 Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7710
Description  ISO7710-Q1 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7710 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7710 Datasheet HTML 17Page - Texas Instruments ISO7710 Datasheet HTML 18Page - Texas Instruments ISO7710 Datasheet HTML 19Page - Texas Instruments ISO7710 Datasheet HTML 20Page - Texas Instruments ISO7710 Datasheet HTML 21Page - Texas Instruments ISO7710 Datasheet HTML 22Page - Texas Instruments ISO7710 Datasheet HTML 23Page - Texas Instruments ISO7710 Datasheet HTML 24Page - Texas Instruments ISO7710 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
25.2.1 Design Requirements
To design with this device, use the parameters listed in Table 25-1.
Table 25-1. Design Parameters
PARAMETER
VALUE
Supply voltage, VCC1 and VCC2
2.25 V to 5.5 V
Decoupling capacitor between VCC1 and GND1
0.1 µF
Decoupling capacitor from VCC2 and GND2
0.1 µF
25.2.2 Detailed Design Procedure
Unlike optocouplers, which require components to improve performance, provide bias, or limit current, the
ISO7710-Q1 device only requires two external bypass capacitors to operate.
0.1 …F
2 mm
maximum
from V
CC1
0.1 …F
2 mm
maximum
from V
CC2
V
CC1
V
CC2
GND1
GND2
1
2
3
4
8
7
6
5
OUT
IN
INPUT
OUTPUT
Figure 25-2. Typical ISO7710-Q1 Circuit Hook-up
25.2.3 Application Curve
The following typical eye diagram of the ISO7710-Q1 device indicates low jitter and wide open eye at the
maximum data rate of 100 Mbps.
Time = 3.5 ns / div
Figure 25-3. ISO7710-Q1 Eye Diagram at 100 Mbps PRBS, 5-V Supplies and 25°C
25.2.3.1 Insulation Lifetime
Insulation lifetime projection data is collected by using industry-standard Time Dependent Dielectric Breakdown
(TDDB) test method. In this test, all pins on each side of the barrier are tied together creating a two-terminal
device and high voltage applied between the two sides; See Figure 25-4 for TDDB test setup. The insulation
breakdown data is collected at various high voltages switching at 60 Hz over temperature. For reinforced
insulation, VDE standard requires the use of TDDB projection line with failure rate of less than 1 part per million
(ppm). Even though the expected minimum insulation lifetime is 20 years at the specified working isolation
www.ti.com
ISO7710-Q1
SLLSEU2C – MARCH 2017 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO7710-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com