Electronic Components Datasheet Search
  English  ▼

X  

LP5024 Datasheet(PDF) 26 Page - Texas Instruments

Part # LP5024
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5024 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP5024 Datasheet HTML 22Page - Texas Instruments LP5024 Datasheet HTML 23Page - Texas Instruments LP5024 Datasheet HTML 24Page - Texas Instruments LP5024 Datasheet HTML 25Page - Texas Instruments LP5024 Datasheet HTML 26Page - Texas Instruments LP5024 Datasheet HTML 27Page - Texas Instruments LP5024 Datasheet HTML 28Page - Texas Instruments LP5024 Datasheet HTML 29Page - Texas Instruments LP5024 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
Table 7-8. LED_CONFIG0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
LED7_Bank_EN
R/ W
0h
1 = LED7 bank control mode enabled
0 = LED7 independent control mode enabled
6
LED6_Bank_EN
R/ W
0h
1 = LED6 bank control mode enabled
0 = LED6 independent control mode enabled
5
LED5_Bank_EN
R/ W
0h
1 = LED5 bank control mode enabled
0 = LED5 independent control mode enabled
4
LED4_Bank_EN
R/ W
0h
1 = LED4 bank control mode enabled
0 = LED4 independent control mode enabled
3
LED3_Bank_EN
R/ W
0h
1 = LED3 bank control mode enabled
0 = LED3 Independent control mode enabled
2
LED2_Bank_EN
R/ W
0h
1 = LED2 bank control mode enabled
0 = LED2 independent control mode enabled
1
LED1_Bank_EN
R/ W
0h
1 = LED1 bank control mode enabled
0 = LED1 independent control mode enabled
0
LED0_Bank_EN
R/ W
0h
1 = LED0 bank control mode enabled
0 = LED0 independent control mode enabled
7.6.4 BANK_BRIGHTNESS (Address = 3h) [reset = FFh]
BANK_BRIGHTNESS is shown in Figure 7-16 and described in Table 7-9.
Return to Table 7-4.
Figure 7-16. BANK_BRIGHTNESS Register
7
6
5
4
3
2
1
0
Bank_Brightness
R/ W-FFh
Table 7-9. BANK_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
Bank_Brightness
R/ W
FFh
FFh = 100% of full brightness
...
80h = 50% of full brightness
...
00h = 0% of full brightness
7.6.5 BANK_A_COLOR (Address = 4h) [reset = 00h]
BANK_A_COLOR is shown in Figure 7-17 and described in Table 7-10.
Return to Table 7-4.
Figure 7-17. BANK_A_COLOR Register
7
6
5
4
3
2
1
0
Bank_A_Color
R/ W-0h
Table 7-10. BANK_A_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
Bank_A_Color
R/ W
0h
FFh = The color mixing percentage is 100%.
...
80h = The color mixing percentage is 50%.
...
00h = The color mixing percentage is 0%.
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com