Electronic Components Datasheet Search
  English  ▼

X  

LP5024 Datasheet(PDF) 41 Page - Texas Instruments

Part # LP5024
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5024 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP5024 Datasheet HTML 37Page - Texas Instruments LP5024 Datasheet HTML 38Page - Texas Instruments LP5024 Datasheet HTML 39Page - Texas Instruments LP5024 Datasheet HTML 40Page - Texas Instruments LP5024 Datasheet HTML 41Page - Texas Instruments LP5024 Datasheet HTML 42Page - Texas Instruments LP5024 Datasheet HTML 43Page - Texas Instruments LP5024 Datasheet HTML 44Page - Texas Instruments LP5024 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
The SCL and SDA lines must each have a pullup resistor placed somewhere on the line (the pullup resistors are
normally located on the bus master). In typical applications, values of 1.8kΩ to 4.7kΩ are used.
VCAP is internal LDO output pin. This pin must be connected through a 1µF capacitor to GND. Place the
capacitor as close to the device as possible.
TI recommends having a 1µF capacitor between VCC and GND to ensure proper operation. Place the capacitor
as close to the device as possible.
8.2.3 Application Curves
The test condition for Figure 9-2 is that the testing is under bank control, using the following register values: 0x02
(0xFF), 0x04 (0xA0), 0x05 (0xA0), 0x06 (0xA0).
The test condition for Figure 9-2 is that the testing is under bank control, using the following register values: 0x02
(0xFF), 0x04 (0x10), 0x05 (0x10), 0x06 (0x10).
Figure 8-2. Current Waveform of OUT0, OUT1,
OUT2 and OUT3
Figure 8-3. Current Waveform of OUT0, OUT1,
OUT2 and OUT3
8.3 Power Supply Recommendations
The device is designed to operate from a VVCC input-voltage supply range between 2.7V and 5.5V. This input
supply must be well-regulated and able to withstand maximum input current and maintain stable voltage without
voltage drop even in a load-transition condition (start-up or rapid intensity change). The resistance of the input
supply rail must be low enough that the input-current transient does not cause a drop below a 2.7V level in the
LP50xx VVCC supply voltage.
8.4 Layout
8.4.1 Layout Guidelines
To prevent thermal shutdown, the junction temperature, TJ, must be less than T(TSD). If the voltage drop across
the output channels is high, the device power dissipation can be large. The LP50xx device has very good
thermal performance because of the thermal pad design; however, the PCB layout is also very important to
ensure that the device has good thermal performance. Good PCB design can optimize heat transfer, which is
essential for the long-term reliability of the device.
Use the following guidelines when designing the device layout:
• Place the CVCAP, CVCCand RIREF as close to the device as possible. Also, TI recommends to put the ground
plane as Figure 8-4, Figure 8-5 and Figure 8-6.
• Maximize the copper coverage on the PCB to increase the thermal conductivity of the board. The major
heat flow path from the package to the ambient is through copper on the PCB. Maximum copper density is
extremely important when no heat sinks are attached to the PCB on the other side from the package.
www.ti.com
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com