Electronic Components Datasheet Search
  English  ▼

X  

ISO7740 Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO7740
Description  ISO774x-Q1 Automotive, High-Speed, Reinforced Quad-Channel Digital Isolators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7740 Datasheet HTML 6Page - Texas Instruments ISO7740 Datasheet HTML 7Page - Texas Instruments ISO7740 Datasheet HTML 8Page - Texas Instruments ISO7740 Datasheet HTML 9Page - Texas Instruments ISO7740 Datasheet HTML 10Page - Texas Instruments ISO7740 Datasheet HTML 11Page - Texas Instruments ISO7740 Datasheet HTML 12Page - Texas Instruments ISO7740 Datasheet HTML 13Page - Texas Instruments ISO7740 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
5.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
EN IEC 60747-17 (VDE
0884-17)
Certified according to IEC
62368-1 and IEC 60601-1
Certified according to
UL 1577 Component
Recognition Program
Certified according to GB
4943.1
Certified according to EN
61010-1 and EN 62368-1
Maximum transient
isolation voltage, 8000
VPK (DWW-16, DW-16,
Reinforced) and 4242
VPK (DBQ-16); Maximum
repetitive peak isolation
voltage, 2828 VPK
(DWW-16, Reinforced),
2121 VPK (DW-16,
Reinforced) and 566
VPK (DBQ-16); Maximum
surge isolation voltage,
12800 VPK (DWW-16,
DW-16, Reinforced) and
10000 VPK (DBQ-16)
Reinforced insulation per
CSA 62368-1 and IEC
62368-1, 1450 VRMS
(DWW-16), 600 VRMS
(DW-16) and 370 VRMS
(DBQ-16) max working
voltage (pollution degree
2, material group I);
2 MOPP (Means of Patient
Protection) per CSA
60601-1 and IEC 60601-1,
400 VRMS (DWW-16) and
250 VRMS (DW-16) max
working voltage
DWW-16: Single
Protection, 5700 VRMS;
DW-16: Single protection,
5000 VRMS;
DBQ-16: Single protection,
3000 VRMS
DWW-16: Reinforced
Insulation, Altitude ≤ 5000
m, Tropical Climate, 1450
VRMS maximum working
voltage;
DW-16: Reinforced
Insulation, Altitude ≤ 5000
m, Tropical Climate, 700
VRMS maximum working
voltage;
DBQ-16: Basic Insulation,
Altitude ≤ 5000 m, Tropical
Climate, 400 VRMS
maximum working voltage
5700 VRMS (DWW-16),
5000 VRMS (DW-16) and
3000 VRMS (DBQ-16)
Reinforced insulation per
EN 61010-1 up to working
voltage of 1000 VRMS
(DWW-16), 600 VRMS
(DW-16) and 300 VRMS
(DBQ-16);
5700 VRMS (DWW-16),
5000 VRMS (DW-16) and
3000 VRMS (DBQ-16)
Reinforced insulation per
EN 62368-1 up to working
voltage of 1450 VRMS
(DWW-16), 600 VRMS
(DW-16) and 370 VRMS
(DBQ-16)
Reinforced certificate:
40040142
Master contract number:
220991
File number: E181974
Certificate numbers:
CQC15001121716
(DWx-16)
CQC18001199097
(DBQ-16)
Client ID number: 77311
5.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure
of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DWW-16 PACKAGE
IS
Safety input, output, or supply current
RθJA = 58.3 °C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 5-1
390
mA
RθJA = 58.3 °C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 5-1
596
mA
RθJA = 58.3 °C/W, VI = 2.75 V, TJ =
150°C, TA = 25°C, see Figure 5-1
780
mA
PS
Safety input, output, or total power
RθJA = 58.3 °C/W, TJ = 150°C, TA = 25°C,
see Figure 5-4
2144
mW
TS
Maximum safety temperature
150
°C
DW-16 PACKAGE
IS
Safety input, output, or supply current
RθJA =83.4°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 5-2
273
mA
RθJA = 83.4°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 5-2
416
RθJA = 83.4°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C, see Figure 5-2
545
PS
Safety input, output, or total power
RθJA = 83.4°C/W, TJ = 150°C, TA = 25°C,
see Figure 5-5
1499
mW
TS
Maximum safety temperature
150
°C
DBQ-16 PACKAGE
ISO7740-Q1, ISO7741-Q1, ISO7742-Q1
SLLSEU0G – NOVEMBER 2016 – REVISED OCTOBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7740-Q1 ISO7741-Q1 ISO7742-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com