Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 2 Page - ITT Industries

Part # TST24AS00
Description  Trident Connector System Snap Together - Rectangular
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 2 Page - ITT Industries

  TST24AS00 Datasheet HTML 1Page - ITT Industries TST24AS00 Datasheet HTML 2Page - ITT Industries TST24AS00 Datasheet HTML 3Page - ITT Industries TST24AS00 Datasheet HTML 4Page - ITT Industries TST24AS00 Datasheet HTML 5Page - ITT Industries TST24AS00 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Trident Connector System
Snap Together - Rectangular
Contact Cavity Arrangements—Mating Face View
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
6 Way
2 Way
24 Way
12 Way
4 Way
36 Way
5
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
Plug
Receptacle
Plug
Receptacle
3 Way



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com