Electronic Components Datasheet Search
  English  ▼

X  

TST24AS00 Datasheet(PDF) 5 Page - ITT Industries

Part # TST24AS00
Description  Trident Connector System Snap Together - Rectangular
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24AS00 Datasheet(HTML) 5 Page - ITT Industries

  TST24AS00 Datasheet HTML 1Page - ITT Industries TST24AS00 Datasheet HTML 2Page - ITT Industries TST24AS00 Datasheet HTML 3Page - ITT Industries TST24AS00 Datasheet HTML 4Page - ITT Industries TST24AS00 Datasheet HTML 5Page - ITT Industries TST24AS00 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Trident Connector System
Snap Together - Rectangular
• Mates with Free Plug, see page 6.
• Integrally molded flanges.
• Contacts are on a 5,08 (.200) grid,
symmetrical on center lines.
• Recommended PCB hole Ø1,15 (.045).
• Connector Discriminating Caps available,
see page 50.
Number of
Part Number
Contacts
Plating
(Pack of 100)
Nomenclature
2
Gold*
192900-0411
TST 02 RB 05Y
2
Tin
192990-3230
TST 02 RB 05T
3
Gold*
192900-0412
TST 03 RB 05Y
3
Tin
192990-3240
TST 03 RB 05T
4
Gold*
192900-0413
TST 04 RB 05Y
4
Tin
192990-3250
TST 04 RB 05T
6
Gold*
192900-0414
TST 06 RB 05Y
6
Tin
192990-3260
TST 06 RB 05T
12
Gold*
192900-0415
TST 12 RB 05Y
12
Tin
192990-3270
TST 12 RB 05T
24
Gold*
192900-0416
TST 24 RB 05Y
24
Tin
192990-3280
TST 24 RB 05T
36
Gold*
192900-0417
TST 36 RB 05Y
36
Tin
192990-3290
TST 36 RB 05T
PCB Mounted Connectors — Pin Contacts
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
8
Figure 1
Figure 2
Machined
Dimensions
Part Number
B
C
(Pack of 100) Nomenclature
Figure
A
±0,08 (.003)
±0,08 (.003)
D
E
192991-0270
TST 02 RB 01Z
1
11,13 (.438)
N/A
19,13 (.753)
6,00 (.236)
25,00 (.984)
192991-0271
TST 02 RB 01T
1
11,13 (.438)
N/A
19,13 (.753)
6,00 (.236)
25,00 (.984)
192991-0278TST 03 RB 01Z
2
16,21 (.638
)
14,05 (.553)
10,24 (.403)
6,00 (.236)
20,10 (.791)
192991-0279
TST 03 RB 01T
2
16,21 (.638)
14,05 (.553)
10,24 (.403)
6,00 (.236)
20,10 (.791)
192991-0286
TST 04 RB 01Z
2
21,30 (.838)
14,05 (.553)
15,32 (.603)
6,00 (.236)
20,10 (.791)
192991-0287
TST 04 RB 01T
2
21,30 (.838)
14,05 (.553)
15,32 (.603)
6,00 (.236)
20,10 (.791)
192991-0294
TST 06 RB 01Z
2
16,20 (.637)
19,12 (.752)
10,23 (.402)
11,00 (.433)
26,00 (1.023)
192991-0295
TST 06 RB 01T
2
16,20 (.637)
19,12 (.752)
10,23 (.402)
11,00 (.433)
26,00 (1.023)
192991-0302
TST 12 RB 01Z
2
16,20 (.637)
29,30 (1.153)
10,26 (.404)
21,20 (.834)
35,20 (1.385)
192991-0303
TST 12 RB 01T
2
16,20 (.637)
29,30 (1.153)
10,26 (.404)
21,20 (.834)
35,20 (1.385)
192991-0310
TST 24 RB 01Z
2
21,30 (.838)
39,37 (1.550)
15,32 (.603)
31,30 (1.232)
45,60 (1.795)
192991-0311
TST 24 RB 01T
2
21,30 (.838)
39,37 (1.550)
15,32 (.603)
31,30 (1.232)
45,60 (1.795)
192991-0402
TST 36 RB 01Z
1
46,60 (1.834)
15,24 (.600)
54,64 (2.151)
21,20 (.834)
60,50 (2.382)
192991-0403
TST 36 RB 01T
1
46,60 (1.834)
15,24 (.600)
54,64 (2.151)
21,20 (.834)
60,50 (2.382)
* Gold plating for Formed (Stamped) Contacts is 0,75 µm (30 µ in.) min gold. Gold plating for Machined Contacts is gold flash.
Formed (Stamped)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com