Electronic Components Datasheet Search
  English  ▼

X  

OPA314 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA314
Description  OPAx314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA314 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA314 Datasheet HTML 17Page - Texas Instruments OPA314 Datasheet HTML 18Page - Texas Instruments OPA314 Datasheet HTML 19Page - Texas Instruments OPA314 Datasheet HTML 20Page - Texas Instruments OPA314 Datasheet HTML 21Page - Texas Instruments OPA314 Datasheet HTML 22Page - Texas Instruments OPA314 Datasheet HTML 23Page - Texas Instruments OPA314 Datasheet HTML 24Page - Texas Instruments OPA314 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
21
OPA314-Q1, OPA2314-Q1, OPA4314-Q1
www.ti.com
SLOS896B – DECEMBER 2014 – REVISED JANUARY 2017
Product Folder Links: OPA314-Q1 OPA2314-Q1 OPA4314-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The OPAx314-Q1 family is a low-power, rail-to-rail input and output operational amplifier specifically designed for
portable applications. The device operates from 1.8 V to 5.5 V, is unity-gain stable, and suitable for a wide range
of general-purpose applications. The class AB output stage is capable of driving
≤ 10-kΩ loads connected to any
point between V+ and ground. The input common-mode voltage range includes both rails, and allows the
OPAx314-Q1 family to be used in virtually any single-supply application. Rail-to-rail input and output swing
significantly increases dynamic range, especially in low-supply applications, and makes the device ideal for
driving sampling analog-to-digital converters (ADCs).
The OPAx314-Q1 family features a 3-MHz bandwidth and 1.5-V/μs slew rate with only 150-μA supply current per
channel, providing good AC performance at very low power consumption. DC applications are also well served
with a very-low input noise voltage of 14 nV/
√Hz at 1 kHz, low-input bias current (0.2 pA), and an input offset
voltage of 0.5 mV (typical).
8.1.1 General Configurations
When receiving low-level signals, limiting the bandwidth of the incoming signals into the system is often required.
The simplest way to establish this limited bandwidth is to place an RC filter at the noninverting terminal of the
amplifier, as shown in Figure 34.
Figure 34. Single-Pole Low-Pass Filter
If additional attenuation is needed, a multiple pole filter is required. The Sallen-Key filter can be used for this
task, as shown in Figure 35. For best results, the amplifier must have a bandwidth that is eight to ten times the
filter frequency bandwidth. Failure to follow this guideline can result in phase shift of the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com