Electronic Components Datasheet Search
  English  ▼

X  

OPA314 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA314
Description  OPAx314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA314 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA314 Datasheet HTML 9Page - Texas Instruments OPA314 Datasheet HTML 10Page - Texas Instruments OPA314 Datasheet HTML 11Page - Texas Instruments OPA314 Datasheet HTML 12Page - Texas Instruments OPA314 Datasheet HTML 13Page - Texas Instruments OPA314 Datasheet HTML 14Page - Texas Instruments OPA314 Datasheet HTML 15Page - Texas Instruments OPA314 Datasheet HTML 16Page - Texas Instruments OPA314 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
12
10
8
6
4
2
0
Offset Voltage (mV)
30
25
20
15
10
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Offset Voltage Drift (µV/°C)
160
155
150
145
140
135
130
125
120
-50
-25
0
25
50
75
100
125
Temperature (°C)
V = 5.5 V
S
V = 1.8 V
S
180
170
160
150
140
130
120
110
100
90
80
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
140
130
120
110
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
2
, 5.5 V
k
10 k , 5.5 V
10
, 1.8 V
k
140
120
100
80
60
40
20
0
-20
0
-20
-40
-60
-80
-100
-120
-140
-160
10
1
100
1k
10k
100k
1M
10M
Frequency (Hz)
13
OPA314-Q1, OPA2314-Q1, OPA4314-Q1
www.ti.com
SLOS896B – DECEMBER 2014 – REVISED JANUARY 2017
Product Folder Links: OPA314-Q1 OPA2314-Q1 OPA4314-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
RL = 10 kΩ / 10 pF
VS = ±2.5 V
Figure 1. Open-loop Gain and Phase vs Frequency
Figure 2. Open-Loop Gain vs Temperature
Figure 3. Quiescent Current vs Supply
Figure 4. Quiescent Current vs Temperature
Figure 5. Offset Voltage Production Distribution
Figure 6. Offset Voltage Drift Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com