Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA656
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Frequency (Hz)
9
10
11
12
13
14
15
16
17
18
19
20
21
22
10M
100M
1G
D014
RF = 100 :
RF = 301 :
RF = 499 :
Frequency (Hz)
40
50
60
70
80
90
100
110
120
1k
10k
100k
1M
10M
100M
D030
CMRR
PSRR+
PSRR
Frequency (Hz)
8
9
10
11
12
13
14
15
16
17
18
19
20
10M
100M
1G
D011
VS = 6 V
VS = 10 V
VS = 12 V
Frequency (Hz)
8
9
10
11
12
13
14
15
16
17
18
19
20
10M
100M
1G
D012
VS = 6 V
VS = 10 V
VS = 12 V
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10M
100M
1G
D009
VO = 0.2 VPP
VO = 1 VPP
VO = 2 VPP
VO = 5 VPP
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10M
100M
1G
D010
VO = 0.2 VPP
VO = 1 VPP
VO = 2 VPP
VO = 5 VPP
9
OPA818
www.ti.com
SBOS940A – MAY 2019 – REVISED MARCH 2020
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Characteristics: VS = ±5 V (continued)
At TA ≈ 25°C, VS+ = +5 V, VS– = –5 V, closed-loop gain (G) = 7 V/V, VCM = mid-supply, RF = 301 Ω, RL = 100 Ω to mid-supply,
small-signal VO = 100 mVPP, large-signal VO = 2 VPP (unless otherwise noted).
G = 10 V/V
Figure 7. Non-Inverting Frequency Response Over Output
Swing
G = –10 V/V
Figure 8. Inverting Frequency Response Over Output Swing
VO = 100 mVPP
Figure 9. Non-Inverting Small-Signal Frequency Response
Over Voltage Supply
VO = 2 VPP
Figure 10. Non-Inverting Large-Signal Frequency Response
Over Voltage Supply
VO = 100 mVPP
Figure 11. Non-Inverting Small-Signal Frequency Response
Over RF
Simulation
Figure 12. Common-Mode and Power-Supply Rejection
Ratio vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com