Electronic Components Datasheet Search
  English  ▼

X  

IMSA110 Datasheet(PDF) 15 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button IMSA110 Datasheet HTML 11Page - STMicroelectronics IMSA110 Datasheet HTML 12Page - STMicroelectronics IMSA110 Datasheet HTML 13Page - STMicroelectronics IMSA110 Datasheet HTML 14Page - STMicroelectronics IMSA110 Datasheet HTML 15Page - STMicroelectronics IMSA110 Datasheet HTML 16Page - STMicroelectronics IMSA110 Datasheet HTML 17Page - STMicroelectronics IMSA110 Datasheet HTML 18Page - STMicroelectronics IMSA110 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Address
Name
bit
(Hex)
7
6
5432
10
1FF
LUT
Look Up Table
100
0FC-0FF
LSR
Lower Saturation Register
0F8-0FB
USR
Upper Saturation Register
0D0
TCR
0BC
COU
Copy Over/UnderShoot Buffer
0B8-0BA
OUB
Over/UnderShoot Buffer
0B4
CMM
Copy Min/Max Buffer
0B0-0B2
MMB
Min/Max Buffer
0A3
BCR3
Normaliser Control
Dynamic
normali-
sation
LUT to
output
adder
0
0A2
BCR2
0
LS
output
byte
MS
output
byte
Look Up Prescaler
0A1
BCR1
00
0000
Static
threshold
Greater
Than
0A0
BCR0
Full
Wave
Half
Wave
MAC Output Scaler
Zero
Cascade
092
ACR
00
0000
Backend
LUT
Access
Current
Bank
090
SCR
0
PosLUT
Addr
PSR Out
Enable
Cascade
Enable
Unsigned
Coef
Load
Unsigned
Data
Bypass
PSRs
Cont
Swap
085
PCRC
0
0
0
0
0
Shift Length (Upper Bits)
084
PCRC
Shift Length (Lower Bits)
083
PCRB
00
0
0
0
Shift Length (Upper Bits)
082
PCRB
Shift Length (Lower Bits)
081
PCRA
0
0
0
0
0
Shift Length (Upper Bits)
080
PCRA
Shift Length (Lower Bits)
066
...
060
CR1c
Bank 1 Coefficient Register
056
...
050
CR1b
Bank 1 Coefficient Register
046
...
040
CR1a
Bank 1 Coefficient Register
026
...
020
CR0c
Bank 0 Coefficient Register
016
...
010
CR0b
Bank 0 Coefficient Register
006
...
000
CR0a
Bank 0 Coefficient Register
Figure 7 : IMSA110 Memory Map
IMSA110
15/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com