Electronic Components Datasheet Search
  English  ▼

X  

IMSA110 Datasheet(PDF) 20 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button IMSA110 Datasheet HTML 16Page - STMicroelectronics IMSA110 Datasheet HTML 17Page - STMicroelectronics IMSA110 Datasheet HTML 18Page - STMicroelectronics IMSA110 Datasheet HTML 19Page - STMicroelectronics IMSA110 Datasheet HTML 20Page - STMicroelectronics IMSA110 Datasheet HTML 21Page - STMicroelectronics IMSA110 Datasheet HTML 22Page - STMicroelectronics IMSA110 Datasheet HTML 23Page - STMicroelectronics IMSA110 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Enable greater than
BCR1[0]
Default: 0
This control bit determines whether the comparator
in the statistics monitor behaves as a ‘greater than’,
or as a ‘less than’ comparator. The signal from this
comparator is used to drive the Over / Undershoot
Counter and the Max / Min Register. A one at this
location selects ‘greater than’.
BCR1[1-0]
Statistics monitor mode
0 0
Min. register *
0 1
Max. register
1 0
Undershoot counter
1 1
Overshoot counter
10.6 Backend control register 2 (BCR2)
Reserved
BCR2[7]
Default: 0
This location is reserved. The user should write
zero to this location to maintain compatibility with
future products. The value read from this location
will be zero.
Pass LUT data to
least significant
output
BCR2[6]
Default: 0
This bit controls the output multiplexer. If this bit is
set to one, the selected byte from the LUT is output
on the least significant byte (bits 7 to 0) of the
Cascade Output pins.
Pass LUT data to most
significant output
BCR2[5]
Default: 0
This bit controls the output multiplexer. If this bit is
set to one, the selected byte from the LUT is output
on the most significant byte (bits 21 to 14) of the
Cascade Output pins.
Look up prescaler
BCR2[4-0]
Default: 00000
The contents of these five bits control the amount
of (arithmetic) right shift applied to the data, by the
Look up Prescaler. Writing a numerical value be-
tween 0 and 16 (binary 10000) into these bits, will
cause the data to be right-shifted by a correspond-
ing number of places. For example, if the bit pattern
00101 is written to these five bit positions, a right
shift of 5 places will occur. Writing any value outside
the range (0 to 16) will result in undefined behaviour
of the look up Prescaler.
10.7 Backend control register 3 (BCR3)
Normalizer control
BCR3[7-3]
Default: 00000
These five bits control the number of places, that
the normaliser shifts the data to the right or to the
left. This field is interpreted as a twos complement
number. A positive number is taken to be a right
shift. Any shift in the range -2 (11110) to +14 (01110)
is legal. Any other value will cause the number zero
to be output from the normaliser.
Enable dynamic
normalization
BCR3[2]
Default: 0
If this bit is set to one, the normaliser will be con-
trolled by bits 26 to 22 from the output of the look
up table, instead of BCR3[7-3].
Feed LUT data to
output adder
BCR3[1]
Default: 0
One of the inputs of the Output Adder can be either
supplied by the Look up Table or forced to zero.
Setting this control bit to zero selects zero. Setting
this control bit to one selects bits 21 to 0 of the Look
up Table.
Reserved
BCR3[0]
Default: 0
This location is reserved. The user should write
zero to this location to maintain compatibility with
future products. The value read from this location
will be zero.
IMSA110
20/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com